Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP9601 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP9601
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9601 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP9601 Datasheet HTML 27Page - Microchip Technology MCP9601 Datasheet HTML 28Page - Microchip Technology MCP9601 Datasheet HTML 29Page - Microchip Technology MCP9601 Datasheet HTML 30Page - Microchip Technology MCP9601 Datasheet HTML 31Page - Microchip Technology MCP9601 Datasheet HTML 32Page - Microchip Technology MCP9601 Datasheet HTML 33Page - Microchip Technology MCP9601 Datasheet HTML 34Page - Microchip Technology MCP9601 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 31
MCP960X/L0X/RL0X
5.1.3
COLD-JUNCTION/AMBIENT
TEMPERATURE REGISTER (TC)
The
MCP960X/L0X/RL0X
integrates
an
ambient
temperature sensor which can be used to measure the
thermocouple cold-junction temperature. For accurate
measurement, the device will have to be placed at close
proximity to the thermocouple cold-junction to detect the
junction ambient temperature. This is a 16-bit
double-buffered, read-only register. The temperature
resolution is user-selectable to 0.0625°C/LSb or
0.25°C/LSb resolutions and setting the resolution
determines the temperature update rate, as shown in
Table 5-2.
EQUATION 5-3:
TEMPERATURE
CONVERSION
The temperature bits are in two’s complement format;
therefore, positive temperature data and negative
temperature data are computed differently, as shown
in Equation 5-3.
FIGURE 5-4:
Thermocouple
Cold-Junction Register (TC) Block Diagram.
Temperature
 0°C
TC = (UpperByte x 16 + LowerByte/16)
Temperature
 0°C
TC = (UpperByte x 16 + LowerByte/16) – 4096
TABLE 5-2:
RESOLUTION vs.
CONVERSION TIME
Resolution
Conversion
Time
(typical)
Register Bits
(Note 1)
0.0625°C
250 ms
ssss xxxx xxxx xxxx
0.25°C
63 ms
ssss xxxx xxxx xx00
Note 1:
‘s’ is Sign and ‘x’ is unknown bit.
Ambient Temperature
Sensor Core
TC
Selectable Resolution:
- 0.0625°C
-0.25°C
(see Register 5-8)
Thermocouple
Cold-Junction
Temperature –TC
REGISTER 5-4:
COLD-JUNCTION TEMPERATURE REGISTER - TC (READ ONLY)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
SIGN
128°C
64°C
32°C
16°C
bit 15
bit 8
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
8°C
4°C
2°C
1°C
0.5°C
0.25°C
0.125°C
0.0625°C
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
TC: Data in Two’s Complement Format. Bits 15-12 are sign bits and the bits are set when the
temperature data is less than 0°C.
This register contains the thermocouple cold-junction temperature or the device ambient temperature
data. Bits 1 and 0 may remain clear (‘0’) depending on the status of the Resolution setting, bit 7 of
Register 5-8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com