Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP9601 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP9601
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9601 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP9601 Datasheet HTML 5Page - Microchip Technology MCP9601 Datasheet HTML 6Page - Microchip Technology MCP9601 Datasheet HTML 7Page - Microchip Technology MCP9601 Datasheet HTML 8Page - Microchip Technology MCP9601 Datasheet HTML 9Page - Microchip Technology MCP9601 Datasheet HTML 10Page - Microchip Technology MCP9601 Datasheet HTML 11Page - Microchip Technology MCP9601 Datasheet HTML 12Page - Microchip Technology MCP9601 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 9
MCP960X/L0X/RL0X
FIGURE 1-2:
Timing Diagram.
SENSOR SERIAL INTERFACE TIMING SPECIFICATIONS
Electrical Specifications: Unless otherwise indicated, GND = Ground, TA = -40°C to +125°C, VDD = 2.7V to 5.5V
and CL =80 pF (Note 1).
Parameters
Sym.
Min.
Max.
Units
Two-Wire I2C Interface
Serial Port Frequency
fSCL
10
100
kHz
Low Clock (Note 2)
tLOW
4700
—
ns
High Clock
tHIGH
4000
—
ns
Rise Time (Note 3)
tR
—
1000
ns
Fall Time (Note 3)
tF
20
300
ns
Data in Setup Time (Note 2)
tSU:DAT
250
—
ns
Data in Hold Time
tHD:DAT
0—
ns
Start Condition Setup Time
tSU:STA
4700
—
ns
Start Condition Hold Time
tHD:STA
4000
—
ns
Stop Condition Setup Time
tSU:STO
4000
—
ns
Bus Idle/Free
tB-FREE
10
—
µs
Bus Capacitive Load
Cb
—400
pf
Clock Stretching (Note 4)
tSTRETCH
60
—
µs
Note 1
All values referred to VIL MAX and VIH MIN levels.
2
This device can be used in a Standard mode I2C bus system, but the requirement, tSU:DAT  250 ns, must
be met.
3
Characterized, but not production tested.
4
Host controllers without features to detect clock stretching by device should increase the tLOW period for
Read Commands to a minimum of tSTRETCH (60 us) for a proper I2C communication. See Figure 2-29 for a
typical tSTRETCH performance.
Start Condition
Data Transmission
Stop Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com