Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6L74T-E/ST Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP6L74T-E/ST
Description  2 MHz, 150 μA Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L74T-E/ST Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP6L74T-E/ST Datasheet HTML 14Page - Microchip Technology MCP6L74T-E/ST Datasheet HTML 15Page - Microchip Technology MCP6L74T-E/ST Datasheet HTML 16Page - Microchip Technology MCP6L74T-E/ST Datasheet HTML 17Page - Microchip Technology MCP6L74T-E/ST Datasheet HTML 18Page - Microchip Technology MCP6L74T-E/ST Datasheet HTML 19Page - Microchip Technology MCP6L74T-E/ST Datasheet HTML 20Page - Microchip Technology MCP6L74T-E/ST Datasheet HTML 21Page - Microchip Technology MCP6L74T-E/ST Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
MCP6L71/1R/2/4
DS20002145B-page 18
 2009-2019 Microchip Technology Inc.
Package Marking Information (Continued)
3
e
XXXXXXXXXXX
14-Lead SOIC (3.90 mm) (MCP6L74)
XXXXXXXXXXX
YYWWNNN
MCP6L74
Example
E/SL
1911256
XXXXXXXX
14-Lead TSSOP (4.4 mm) (MCP6L74)
YYWW
NNN
6L74EST
Example
1911
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com