Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6L74T-E/ST Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP6L74T-E/ST
Description  2 MHz, 150 μA Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L74T-E/ST Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP6L74T-E/ST Datasheet HTML 8Page - Microchip Technology MCP6L74T-E/ST Datasheet HTML 9Page - Microchip Technology MCP6L74T-E/ST Datasheet HTML 10Page - Microchip Technology MCP6L74T-E/ST Datasheet HTML 11Page - Microchip Technology MCP6L74T-E/ST Datasheet HTML 12Page - Microchip Technology MCP6L74T-E/ST Datasheet HTML 13Page - Microchip Technology MCP6L74T-E/ST Datasheet HTML 14Page - Microchip Technology MCP6L74T-E/ST Datasheet HTML 15Page - Microchip Technology MCP6L74T-E/ST Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
MCP6L71/1R/2/4
DS20002145B-page 12
 2009-2019 Microchip Technology Inc.
3.1
Analog Outputs
The output pins are low-impedance voltage sources.
3.2
Analog Inputs
The
noninverting
and
inverting
inputs
are
high-impedance CMOS inputs with low bias currents.
3.3
Power Supply Pins
The positive power supply (VDD) is 2.0V to 6.0V higher
than the negative power supply (VSS). For normal
operation, the other pins are at voltages between VSS
and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need bypass capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com