Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2127 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP2127
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2127 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP2127 Datasheet HTML 1Page - Diodes Incorporated AP2127 Datasheet HTML 2Page - Diodes Incorporated AP2127 Datasheet HTML 3Page - Diodes Incorporated AP2127 Datasheet HTML 4Page - Diodes Incorporated AP2127 Datasheet HTML 5Page - Diodes Incorporated AP2127 Datasheet HTML 6Page - Diodes Incorporated AP2127 Datasheet HTML 7Page - Diodes Incorporated AP2127 Datasheet HTML 8Page - Diodes Incorporated AP2127 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AP2127
Document number: DS36478 Rev. 7 - 2
5 of 24
www.diodes.com
December 2017
© Diodes Incorporated
AP2127
Electrical Characteristics (VIN = 2.5V (for 0.8V to 1.8V voltage versions), VIN = VOUT +1V (for 2.5V to 4.75V voltage versions),
VIN = 6V @ VOUT = 4.75V, TA = +25°C, CIN = 1μF, COUT = 1μF, Bold typeface applies over -40°C ≤ TA ≤ +85°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREF
Reference Voltage
VIN = VOUT +1V
1mA ≤ IOUT ≤ 300mA
0.784
0.8
0.816
V
VOUT
Output Voltage
VIN = VOUT +1V
1mA ≤ IOUT ≤ 300mA
98% x
VOUT
—
102% x
VOUT
V
VIN
Input Voltage
—
2.5
—
6
V
IOUT(MAX)
Maximum Output Current
VIN - VOUT = 1V
VOUT = 0.98 x VOUT
300
400
—
mA
ΔVOUT
Load Regulation
VIN - VOUT = 1V
1mA ≤ IOUT ≤ 300mA
—
4
10
mV
ΔVOUT
Line Regulation
VOUT + 0.5V ≤ VIN ≤ 6V
IOUT = 30mA
—
0.5
5
mV
VDROP
Dropout Voltage
VOUT = 1.0V, IOUT = 300mA
—
1400
1500
mV
VOUT = 1.2V, IOUT = 300mA
—
1200
1300
VOUT = 1.5V, IOUT = 300mA
—
900
1000
VOUT = 1.8V, IOUT = 300mA
—
600
700
VOUT = 2.5V, 2.8V, 3.0V, 3.3V, 4.2V,
IOUT = 300mA
—
170
300
VOUT = 4.75V,
IOUT = 300mA
—
140
300
IQ
Quiescent Current
VIN = VOUT +1V, IOUT = 0mA
—
60
90
µA
ISTD
Standby Current
VIN = VOUT +1V
VSHUTDOWN in off mode
—
0.1
1.0
µA
PSRR
Power Supply Rejection
Ration
AP2127-1.0V to
4.2V, Ripple 1VP-P
VIN = VOUT +1V
f = 100Hz
—
68
—
dB
f = 1kHz
—
68
—
dB
f = 10kHz
—
54
—
dB
AP2127-4.75V,
Ripple 0.5VP-P
VIN = VOUT +1V
f = 100Hz
—
63
—
dB
f = 1kHz
—
63
—
dB
f = 10kHz
—
45
—
dB
ΔVOUT/VOUT
/
ΔT
Output Voltage Temperature
Coefficient
IOUT = 30mA, -40°C ≤ TA ≤ +85°C
—
±100
—
ppm/°C
ISHORT
Short Current Limit
VOUT = 0V
—
50
—
mA
tSS
Soft Start Time
–
—
50
—
µs
VNOISE
RMS Output Noise
TA = +25°C, 10Hz ≤ f ≤ 100kHz,
VOUT = 0.8V
—
60
—
µVRMS
—
Shutdown High Voltage
Shutdown Input Voltage High
1.5
—
—
V
—
Shutdown Low Voltage
Shutdown Input Voltage Low
—
—
0.5
V
—
VOUT Discharge MOSFET
RDS(ON)
Shutdown Input Voltage Low
—
60
—
Ω
—
Shutdown Pull Down
Resistance
—
—
3
—
MΩ
—
Thermal Shutdown
—
—
+165
—
°C
—
Thermal Shutdown Hysteresis
—
—
+30
—
θJC
Thermal Resistance
SOT-23
—
100
—
°C/W
SOT-23-3
—
150
—
SOT-23-5
—
150
—
SOT-89
—
75
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com