Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2127 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP2127
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2127 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP2127 Datasheet HTML 5Page - Diodes Incorporated AP2127 Datasheet HTML 6Page - Diodes Incorporated AP2127 Datasheet HTML 7Page - Diodes Incorporated AP2127 Datasheet HTML 8Page - Diodes Incorporated AP2127 Datasheet HTML 9Page - Diodes Incorporated AP2127 Datasheet HTML 10Page - Diodes Incorporated AP2127 Datasheet HTML 11Page - Diodes Incorporated AP2127 Datasheet HTML 12Page - Diodes Incorporated AP2127 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AP2127
Document number: DS36478 Rev. 7 - 2
9 of 24
www.diodes.com
December 2017
© Diodes Incorporated
AP2127
Performance Characteristics (Cont.) (Note 5)
Quiescent Current vs. Case Temperature
Dropout Voltage vs. Output Current
Dropout Voltage vs. Output Current
Dropout Voltage vs. Case Temperature
Dropout Voltage vs. Case Temperature
Power Dissipation vs. Case Temperature
Note 5:
Maximum output of 4.75V passed qualification test. Performance Characteristics for 5.2V are for reference only.
-40
-20
0
20
40
60
80
100
120
68
69
70
71
72
73
74
75
76
77
78
79
80
Case Temperature (
oC)
I
OUT
=0
V
IN
=6V
V
OUT
=5.2V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
0.26
Output Current (A)
T
C
=-40
oC
T
C
=25
oC
T
C
=85
oC
V
OUT
=3.3V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
Output Current (A)
T
C
=-40
oC
T
C
=25
oC
T
C
=85
oC
V
OUT
=5.2V
-40
-20
0
20
40
60
80
100
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
Case Temperature (
oC)
I
OUT
=10mA
I
OUT
=150mA
I
OUT
=300mA
V
OUT
=3.3V
-40
-20
0
20
40
60
80
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
Case Temperature (
oC)
I
OUT
=10mA
I
OUT
=150mA
I
OUT
=300mA
V
OUT
=5.2V
-40
-20
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Case Temperature (
oC)
V
OUT
=1.0V
No heatsink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com