Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2210 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2210
Description  300mA RF ULDO REGULATOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2210 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2210 Datasheet HTML 1Page - Diodes Incorporated AP2210 Datasheet HTML 2Page - Diodes Incorporated AP2210 Datasheet HTML 3Page - Diodes Incorporated AP2210 Datasheet HTML 4Page - Diodes Incorporated AP2210 Datasheet HTML 5Page - Diodes Incorporated AP2210 Datasheet HTML 6Page - Diodes Incorporated AP2210 Datasheet HTML 7Page - Diodes Incorporated AP2210 Datasheet HTML 8Page - Diodes Incorporated AP2210 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
AP2210
Document number: DS37517 Rev. 4 - 2
2 of 30
www.diodes.com
March 2021
© Diodes Incorporated
AP2210
Typical Applications Circuit (Note 4)
GND
AP2210-3.0
VIN
VOUT
VIN
VIN =4.0V
CIN
1.0 µF
COUT
2.2 µF
VOUT=3.0V
VOUT
1
2
3
EN
GND
AP2210-3.0
VIN
VOUT
BYP
VIN
VIN =4.0V
CIN
1.0 µF
COUT
2.2 µF
VOUT=3.0V
VOUT
100pF
CBYP
1
2
3
4
5
For Fixed Version
EN
GND
AP2210-ADJ
VIN
VOUT
ADJ
VIN
COUT
VOUT
C IN
VEN
R1
R2
1
2
3
4
5
VOUT = 1.25V*(1+R2/R1)
For Adjustable Version
Notes:
4. Dropout voltage is 250mV when TA = +25oC. In order to obtain a normal output voltage, VOUT+0.25V is the minimum input voltage which will result a low
PSRR, imposing a bad influence on system. Therefore, the recommended input voltage is VOUT+1V to 13.2V. For AP2210-3.0 version, its input voltage
can be set from 4V (VOUT+1V) to 13.2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com