Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2210 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP2210
Description  300mA RF ULDO REGULATOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2210 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP2210 Datasheet HTML 1Page - Diodes Incorporated AP2210 Datasheet HTML 2Page - Diodes Incorporated AP2210 Datasheet HTML 3Page - Diodes Incorporated AP2210 Datasheet HTML 4Page - Diodes Incorporated AP2210 Datasheet HTML 5Page - Diodes Incorporated AP2210 Datasheet HTML 6Page - Diodes Incorporated AP2210 Datasheet HTML 7Page - Diodes Incorporated AP2210 Datasheet HTML 8Page - Diodes Incorporated AP2210 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
AP2210
Document number: DS37517 Rev. 4 - 2
3 of 30
www.diodes.com
March 2021
© Diodes Incorporated
AP2210
Pin Descriptions
Pin Number
Pin Name
Function
SOT23-3
SOT23-5
1
2
GND
Ground
2
5
VOUT
Regulated output voltage
3
1
VIN
Input voltage
–
3
EN
Enable input: CMOS or TTL compatible input. Logic high=enable, logic low=shutdown
–
4
BYP/ADJ
Bypass capacitor for low noise operation/Adjustable Output
Functional Block Diagram
Fixed Version
ADJ Version (For SOT-23-5)
+
-
Bandgap
Ref.
Current Limit
Thermal Shutdown
VIN
BYP
EN
GND
VOUT
3(1)
(4)
(3)
2(5)
1(2)
A(B)
A for SOT-23-3
B for SOT-23-5
+
-
Bandgap
Ref.
Current Limit
Thermal Shutdown
VIN
ADJ
EN
GND
VOUT
1
2
5
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com