Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7272D Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE7272D
Description  5-V Low Drop Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7272D Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE7272D Datasheet HTML 3Page - Infineon Technologies AG TLE7272D Datasheet HTML 4Page - Infineon Technologies AG TLE7272D Datasheet HTML 5Page - Infineon Technologies AG TLE7272D Datasheet HTML 6Page - Infineon Technologies AG TLE7272D Datasheet HTML 7Page - Infineon Technologies AG TLE7272D Datasheet HTML 8Page - Infineon Technologies AG TLE7272D Datasheet HTML 9Page - Infineon Technologies AG TLE7272D Datasheet HTML 10Page - Infineon Technologies AG TLE7272D Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Reset Output RO
Reset switching
threshold
V
RT
4.50
4.65
4.80
V
V
Q decreasing
V
I = 6V
Reset Read Room
V
RH
–
160
–
mV
Reset output low voltage
V
ROL
–
0.2
0.4
V
R
RO = 10 kΩ;
V
Q > 1 V
Internal reset pull up
resistor
R
R,int
15
30
45
k
Ω
External reset pull up
resistor
R
R,ext
10
1) An external reset pull up resistor is not required.
∞1) kΩ
see Fig. 3
Reset delay time
t
rd
10
16
22
ms
Reset reaction time
t
rr
–
–
12
µs
TLE 7272
Data Sheet
7
Rev. 1.0a, 2005-02-08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com