Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3192 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP3192
Description  8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3192 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP3192 Datasheet HTML 18Page - Analog Devices ADP3192 Datasheet HTML 19Page - Analog Devices ADP3192 Datasheet HTML 20Page - Analog Devices ADP3192 Datasheet HTML 21Page - Analog Devices ADP3192 Datasheet HTML 22Page - Analog Devices ADP3192 Datasheet HTML 23Page - Analog Devices ADP3192 Datasheet HTML 24Page - Analog Devices ADP3192 Datasheet HTML 25Page - Analog Devices ADP3192 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ADP3192
Rev. 0 | Page 22 of 32
CURRENT SENSE AMPLIFIER
Most designs require the regulator output voltage, measured at
the CPU pins, to drop when the output current increases. The
specified voltage drop corresponds to a dc output resistance (RO),
also referred to as a load line. The ADP3192 has the flexibility of
adjusting RO, independent of current-limit or compensation
components, and it can also support CPUs that do not require
a load line.
For designs requiring a load line, the impedance gain of the
CS amplifier (RCSA) must be to be greater than or equal to the load
line. All designs, whether they have a load line or not, should
keep RCSA ≥ 1 mΩ.
The output current is measured by summing the voltage across
each inductor and passing the signal through a low-pass filter.
This summer filter is the CS amplifier configured with resistors
RPH(X) (summers), and RCS and CCS (filter). The impedance gain
of the regulator is set by the following equations, where RL is the
DCR of the output inductors:
()
L
x
PH
CS
CSA
R
R
R
R
×
=
(6)
CS
L
CS
R
R
L
C
×
=
(7)
The user has the flexibility to choose either RCS or RPH(X).
However, it is best to select RCS equal to 100 kΩ, and then solve
for RPH(X) by rearranging Equation 6. Here, RCSA = RO = 1 mΩ
because this is equal to the design load line.
()
()
Ω
k
140
Ω
k
100
mΩ
0
.
1
Ω
m
4
.
1
=
×
=
×
=
x
PH
CS
CSA
L
x
PH
R
R
R
R
R
Next, use Equation 7 to solve for CCS.
nF
8
2
.
2
Ω
k
100
Ω
m
4
.
1
nH
320
=
×
=
CS
C
It is best to have a dual location for CCS in the layout so that
standard values can be used in parallel to get as close to the
desired value. For best accuracy, CCS should be a 5% or 10%
NPO capacitor. This example uses a 5% combination for CCS
of two 1 nF capacitors in parallel. Recalculating RCS and RPH(X)
using this capacitor combination yields 114 kΩ and 160 kΩ.
The closest standard 1% value for RPH(X) is 158 kΩ.
INDUCTOR DCR TEMPERATURE CORRECTION
When the inductor DCR is used as the sense element and
copper wire is used as the source of the DCR, the user needs to
compensate for temperature changes of the inductor’s winding.
Fortunately, copper has a well known temperature coefficient
(TC) of 0.39%/°C.
If RCS is designed to have an opposite and equal percentage
change in resistance to that of the wire, it cancels the tempera-
ture variation of the inductor DCR. Due to the nonlinear nature
of NTC thermistors, Resistor RCS1 and Resistor RCS2 are needed.
See Figure 11 to linearize the NTC and produce the desired
temperature tracking.
CSSUM
18
CSCOMP
PLACE ASCLOSE AS POSSIBLE
TO NEAREST INDUCTOR
OR LOW-SIDE MOSFET
17
CSREF
16
ADP3192
CCS1
CCS2
RCS1
RTH
RCS2
KEEP THIS PATH
AS SHORT AS POSSIBLE
AND WELL AWAY FROM
SWITCH NODE LINES
TO
SWITCH
NODES
TO
VOUT
SENSE
RPH1
RPH3
RPH2
Figure 11. Temperature Compensation Circuit Values
The following procedure and equations yield values to use for
RCS1, RCS2, and RTH (the thermistor value at 25°C) for a given
RCS value.
1.
Select an NTC based on type and value. Because the value
is unknown, use a thermistor with a value close to RCS. The
NTC should also have an initial tolerance of better than 5%.
2.
Based on the type of NTC, find its relative resistance
value at two temperatures. The temperatures that work
well are 50°C and 90°C. These resistance values are called
A (RTH(50°C))/RTH(25°C)) and B (RTH(90°C))/RTH(25°C)). The relative
value of the NTC is always 1 at 25°C.
3.
Find the relative value of RCS required for each of these
temperatures. This is based on the percentage change
needed, which in this example is initially 0.39%/°C. These
temperatures are called r1 (1/(1 + TC × (T1 − 25°C)))
and r2 (1/(1 + TC × (T2 − 25°C))), where TC = 0.0039 for
copper, T1 = 50°C, and T2 = 90°C. From this, r1 = 0.9112 and
r2
= 0.7978.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com