Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3192 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP3192
Description  8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3192 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP3192 Datasheet HTML 19Page - Analog Devices ADP3192 Datasheet HTML 20Page - Analog Devices ADP3192 Datasheet HTML 21Page - Analog Devices ADP3192 Datasheet HTML 22Page - Analog Devices ADP3192 Datasheet HTML 23Page - Analog Devices ADP3192 Datasheet HTML 24Page - Analog Devices ADP3192 Datasheet HTML 25Page - Analog Devices ADP3192 Datasheet HTML 26Page - Analog Devices ADP3192 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
ADP3192
Rev. 0 | Page 23 of 32
4.
Compute the relative values for RCS1, RCS2, and RTH using
()
()
()
()
()
(
)
B
A
r
A
B
r
B
A
r
A
B
r
B
A
r
r
B
A
r
2
1
1
2
2
1
CS2
−
−
×
−
×
−
×
−
×
×
−
×
+
×
−
×
−
×
×
−
=
1
1
1
1
(8)
()
CS2
1
CS2
CS1
r
r
A
r
A
r
−
−
−
−
=
1
1
1
(9)
CS1
CS2
TH
r
r
r
1
1
1
1
−
−
=
(10)
Calculate RTH = rTH × RCS, then select the closest value of
thermistor available. Also, compute a scaling factor (k)
based on the ratio of the actual thermistor value used
relative to the computed one.
()
()
CALCULATED
TH
ACTUAL
TH
R
R
k =
(11)
5.
Calculate values for RCS1 and RCS2 using Equation 12 and 13.
CS1
CS
CS1
r
k
R
R
×
×
=
(12)
()
(
)
(
)
CS2
CS
CS2
r
k
k
R
R
×
+
−
×
=
1
(13)
In this example, RCS is calculated to be 114 kΩ. Look for an
available 100 kΩ thermistor, 0603 size. One such thermistor
is the Vishay NTHS0603N01N1003JR NTC thermistor with
A = 0.3602 and B = 0.09174. From these values, rCS1 = 0.3795,
rCS2 = 0.7195, and rTH = 1.075.
Solving for RTH yields 122.55 kΩ, so 100 kΩ is chosen, making
k = 0.816. Next, find RCS1 and RCS2 to be 35.3 kΩ and 87.9 kΩ.
Finally, choose the closest 1% resistor values, which yields a
choice of 35.7 kΩ and 88.7 kΩ.
Load Line Setting
For load line values greater than 1 mΩ, RCSA can be set equal
to RO, and the LLSET pin can be directly connected to the
CSCOMP pin. When the load line value needs to be less than
1 mΩ, two additional resistors are required. Figure 12 shows
the placement of these resistors.
CSSUM
CSCOMP
CSREF
ADP3192
LLSET
15
16
17
18
QLL
OPTIONAL LOAD LINE
SELECT SWITCH
RLL2
RLL1
Figure 12. Load Line Setting Resistors
The two resistors RLL1 and RLL2 set up a divider between the
CSCOMP pin and CSREF pin. This resistor divider is input into
the LLSET pin to set the load line slope RO of the VR according
to the following equation:
CSA
LL
LL
LL
O
R
R
R
R
R
×
+
=
2
1
2
(14)
The resistor values for
RLL1 and RLL2 are limited by two factors.
•
The minimum value is based upon the loading of the
CSCOMP pin. This pin’s drive capability is 500 μA and the
majority of this should be allocated to the CSA feedback. If
the current through RLL1 and RLL2 is limited to 10% of this
(50 μA), the following limit can be placed for the minimum
value for RLL1 and RLL2:
6
2
1
10
50
−
×
×
≥
+
CSA
LIM
LL
LL
R
I
R
R
(15)
Here, ILIM is the current-limit current, which is the
maximum signal level that the CSA responds to.
•
The maximum value is based upon minimizing induced dc
offset errors based on the bias current of the LLSET pin. To
keep the induced dc error less than 1mV, which makes this
error statistically negligible, place the following limit of the
parallel combination of RLL1 and RLL2:
9
3
2
1
2
1
10
120
10
1
−
−
×
×
≤
+
×
LL
LL
LL
LL
R
R
R
R
= 8.33 kΩ
(16)
It is best to select the resistor values to minimize their values to
reduce the noise and parasitic susceptibility of the feedback path.
By combining Equation 16 with Equation 14 and selecting
minimum values for the resistors, the following equations result:
A
50
2
μ
×
=
O
LIM
LL
R
I
R
(17)
2
1
1
LL
O
CSA
LL
R
R
R
R
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
(18)
Therefore, both RLL1 and RLL2 need to be in parallel and less than
8.33 kΩ.
Another useful feature for some VR applications is the ability to
select different load lines. Figure 12 shows an optional MOSFET
switch that allows this feature. Here, design for RCSA = RO(MAX)
(selected with QLL on) and then use Equation 14 to set RO =
RO(MIN) (selected with QLL off).
For this design, RCSA = RO = 1 mΩ. As a result, connect LLSET
directly to CSCOMP; the RLL1 and RLL2 resistors are not needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com