Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4404N-2 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT4404N-2
Description  Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4404N-2 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT4404N-2 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4404N-2 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4404N-2 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4404N-2 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4404N-2 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4404N-2 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4404N-2 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4404N-2 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SCD4404N Rev C
3
ABSOLUTE MAXIMUM RATINGS
Operating Case Temperature
-55°C to +125°C
Storage Case Temperature
-65°C to +150°C
Power Supply Voltages
±15VDC to ±18VDC
+5VDC to +7VDC
Logic Input Voltage
-0.3 V to +5.5 V
Receiver Differential Input
±40 V
Receiver Input Voltage (Common Mode)
±10V
Driver Peak Output Current
150 mA
Total Package Power Dissipation over the Full Operating Case
Temperature Range
*
3.25 Watts
Maximum Junction to Case Temperature (100% duty cycle)
16.25°C
Junction-Case, Thermal Resistance
5°C/W
* See Aeroflex Application Note # 112 for reference.
ELECTRICAL CHARACTERISTICS – DRIVER SECTION 1/ 2/
INPUT CHARACTERISTICS, TX DATA IN OR TX DATA IN
Parameter
Condition
Symbol
Min
Typ
Max
Unit
"0" Input Current
VIN = 0.4V
IILD
-
-0.2
-0.4
mA
"1" Input Current
VIN = 2.7V
IIHD
-1
40
µA
"0" Input Voltage
-
VILD
--
0.7
V
"1" Input Voltage
-
VIHD
2.0
-
-
V
INHIBIT CHARACTERISTICS
"0" Input Current
VIN = 0.4V
IILI
-
-0.1
-0.2
mA
"1" Input Current
VIN = 2.7V
IIHI
-1.0
40
µA
"0" Input Voltage
-
VILI
--
0.7
V
"1" Input Voltage
-
VIHI
2-
-
V
Delay from TX inhibit, (0
➝1) to inhibited output
Note 1
tDXOFF
-
350
700
nS
Delay from TX inhibit, (1
➝0) to active output
Note 1
tDXON
-
300
500
nS
Differential Output Noise, inhibit mode
-
VNOI
-
0.8
10
mVp-p
Differential Output Impedance (inhibited) *
Note 2
ZOI
10K
-
-
Ω
* See Aeroflex Application Note # 113 for reference.
OUTPUT CHARACTERISTICS
Differential output Level, Figure 3 Point B-B'
ZO = 70Ω
VO
18
21
24
Vp-p
Output offset at point A-A on Figures 3 or 4, 2.5µS after
midpoint crossing of the last bit
VOS
--
±90
mVpeak
Output rise / fall times (10% to 90% of p-p output)
tR & tF
200
250
300
nS
Delay from 50% point of TX DATA or TX DATA input
to zero crossing of differential output (Note 1)
tDTX
-
220
350
nS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com