Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4404N-2 Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # ACT4404N-2
Description  Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4404N-2 Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

  ACT4404N-2 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4404N-2 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4404N-2 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4404N-2 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4404N-2 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4404N-2 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4404N-2 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4404N-2 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
PLAINVIEW, NEW YORK
Toll Free: 800-THE-1553
Fax: 516-694-6715
SE AND MID-ATLANTIC
Tel: 321-951-4164
Fax: 321-951-4254
INTERNATIONAL
Tel: 805-778-9229
Fax: 805-778-1980
WEST COAST
Tel: 949-362-2260
Fax: 949-362-2266
NORTHEAST
Tel: 603-888-3975
Fax: 603-888-4585
CENTRAL
Tel: 719-594-8017
Fax: 719-594-8468
www. aer of l e x. com
i n f o - a ms@ aer of l e x. com
Our passion for performance is defined by three
attributes represented by these three icons:
solution-minded, performance-driven and customer-focused
Aeroflex Microelectronic Solutions reserves the right to
change at any time without notice the specifications, design,
function, or form of its products described herein. All
parameters must be validated for each customer's application
by engineering. No liability is assumed as a result of use of
this product. No patent licenses are implied.
SCD4404N Rev C
CONFIGURATIONS AND ORDERING INFORMATION
Model No.
Receiver Data level
Configuration
ACT4404N
Normally High
Plug In
ACT4404N-2
Normally High
Flat Pack
Special Note
* When replacing the ARX3404 Pins 6 & 11 must be grounded. Pins were no connect in the ARX3400 Series.
PACKAGE CONFIGURATION OUTLINE
Use the ACT4404N To replace the ARX4404, ARX3404 * & CT3232M
1.27
MAX
24
1
13
12
FLAT PACKAGE
1.10
0.175
MAX
0.24
MIN
0.018 DIA.
±0.002
0.10 Typ
±0.002
1.27
0.080
±0.015
0.009
±0.002
Notes
1. Dimensions shown are in inches.
2. Pins are equally spaced at 0.100±0.002 tolerance, non-cumulative, each row.
1.27 MAX
1.10
1.27 MAX
0.017
0.400
MIN
2 sides
PLUG-IN PACKAGE
0.100
0.167 for Low Profile Flat Pack
0.200 for Std Flat Pack
Pin Function
1TX DATA OUT
2TX DATA OUT
3
TX GND (+5)
4
+15V (TX)
5
EXT. DATA THRES
6
INT. DATA THRES
7RX DATA OUT
8STROBE
9
RX GND (+5V)
10 RXDATA OUT
11 INT. DATA THRES
12 EXT. DATA THRES
13 +15V (RX)
14 NC
15 RX DATA IN
16 RX DATA IN
17 GND
18 CASE GND
19 -15V (RX)
20 +5V
21 TX INHIBIT
22 TX DATA IN
23 TX DATA IN
24 -15V(TX)
MAX
Designator
Pin 1 & ESD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com