Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT63M147 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # UT63M147
Description  MIL-STD-1553A/B Bus Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT63M147 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button UT63M147 Datasheet HTML 2Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 3Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 4Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 5Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 6Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 7Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 8Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 9Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Appendix 2 - 6
DATA BUS INTERFACE 1
The designer can connect the UT63M14x to the data bus via a
short-stub (direct-coupling) connection or a long-stub
(transformer-coupling) connection. Use a short-stub connection
when the distance from the isolation transformer to the data bus
does not exceed a one-foot maximum. Use a long-stub
connection when the distance from the isolation transformer
exceeds the one-foot maximum and is less than twenty feet.
Figure 5 shows various examples of bus coupling
configurations. The UT63M14x series transceivers are designed
to function with MIL-STD-1553A and 1553B compatible
transformers.
Note:
1. The 24-lead flatpack internally connects TXOUT to RXIN and TXOUT to
RXIN for each channel.
RECOMMENDED THERMAL PROTECTION
All packages should mount to or contact a heat removal rail
located in the printed circuit board. To insure proper heat
transfer between the package and the heat removal rail, use a
thermally-conductive material between the package and the heat
removal rail. Use a material such as Mereco XLN-589 or
equivalent to insure heat transfer between the package and heat
removal rail.
Figure 8. Transceiver Test Circuit MIL-STD-1553B
Figure 5. Bus Coupling Configuration
55 OHMS
55 OHMS
20 FT MAX
1:1.4
Note:
ZO defined per MIL-STD-1553B, Section 4.5.1.5.2.1.
ZO
ZO
+5V DC OPERATION
1:1.79
1:2.5
SHORT-STUB
DIRECT COUPLING
1 FT. MAX.
LONG-STUB
TRANSFORMER COUPLING
.75 ZO
.75 ZO
TXOUT
RXIN
RXIN
TXOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com