Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT63M147 Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # UT63M147
Description  MIL-STD-1553A/B Bus Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT63M147 Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button UT63M147 Datasheet HTML 4Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 5Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 6Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 7Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 8Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 9Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 10Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 11Page - Aeroflex Circuit Technology UT63M147 Datasheet HTML 12Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Appendix 2 - 8
ABSOLUTE MAXIMUM RATINGS 1
Notes:
1. Stress outside the listed absolute maximum rating may cause permanent damage to the devices. This is a stress rating only, and functional operation of the device
at these or any other conditions beyond limits indicated in the operational sections of this specification is not recommended. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
2. Mounting per MIL-STD-883, Method 1012.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
LIMITS
UNIT
VCC
-0.3 to +7.0
V
Input voltage range (receiver)
10
VPP, L-L
Logic input voltage range
-0.3 to +5.5
V
Power dissipation 100% duty cycle (per channel)
3.6
W
Thermal impedance junction to case2
6.0
°C/W
Maximum junction temperature
+175
°C
Storage temperature
-65 to +150
°C
Receiver common mode input voltage range
-5.0 to +5.0
V
PARAMETER
LIMITS
UNIT
Supply voltage range
+4.50 to +5.50
V
Logic input voltage range
0 to +5.0
V
Receiver differential voltage
8.0
VP-P
Receiver common mode voltage range
+4.0
V
Driver peak output current
600
mA
Serial data rate
0.3 to 1
MHz
Case operating temperature range (TC)
-55 to +125
°C
A
TERMINAL
Notes:
1. Transformer Coupled Stub:
Terminal is defined as transceiver plus isolation transformer. Point A is defined in figure 7.
2. Direct Coupled Stub:
Terminal is defined as transceiver plus isolation transformer and fault resistors. Point A is defined in figure 6.
RL
TXOUT
TXOUT
Figure 8. Transceiver Test Circuit MIL-STD-1553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com