Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC9708 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC9708
Description  6-Channel 8-Bit uP Compatible A/D Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC9708 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  ADC9708 Datasheet HTML 1Page - National Semiconductor (TI) ADC9708 Datasheet HTML 2Page - National Semiconductor (TI) ADC9708 Datasheet HTML 3Page - National Semiconductor (TI) ADC9708 Datasheet HTML 4Page - National Semiconductor (TI) ADC9708 Datasheet HTML 5Page - National Semiconductor (TI) ADC9708 Datasheet HTML 6Page - National Semiconductor (TI) ADC9708 Datasheet HTML 7Page - National Semiconductor (TI) ADC9708 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Typical Applications (Continued)
3 The auto-zeroauto-full-scale (See
Figures 5 – 8 ) should
use double precision rounded (as opposed to truncated)
arithmatic Several points are worth noting
a The subtractions are single op code instructions
b The full scale correction uses a multiply by 256 and
can be accomplished by a shift left 8 bits (usually one
instruction) or placing (N b NZ) in the MSB register
and setting the LSB register to zero for the double
precision divide
c The divisor (NFS b NZ) of the MSB register will al-
ways be zero
These schemes have the following advantages
a No access to the data bus or address bus is required
by the AD system
b 5 IO bits completely support the AD system
c Since auto full scaleauto zero are implemented in
software and long term drift (aging) effects are elimi-
nated
d Software overhead is minimal (typically 30 bytes)
e Where ratiometric operation is permissible the 4 exter-
nal components may be g5% tolerance including the
power supply
TLH10409 – 11
Note D
VI e (Applied Force) and can be Linearized (if necessary) in Software
FIGURE 9 Ratiometric Strain Gage SensoreController
TLH10409 – 12
Applications
Beverage BrewersDispensers
Ramp Current e IR e VCC a
 R1
R1 a R2
J 1R
3
J
Chemical Solution Control
Automatic Liquid Mixing Control
VI e
 RX
RX a RB
J VCCa
Ramp Time e VI
CHI
R
J e  RX
RX a RB
J1aR2R
1
JCHR3J
FIGURE 10
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com