Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCCR12B105SWAC1 Datasheet(PDF) 4 Page - Kyocera Kinseki Corpotation

Part # SCCR12B105SWAC1
Description  High Capacitance Cylindrical SuperCapacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

SCCR12B105SWAC1 Datasheet(HTML) 4 Page - Kyocera Kinseki Corpotation

  SCCR12B105SWAC1 Datasheet HTML 1Page - Kyocera Kinseki Corpotation SCCR12B105SWAC1 Datasheet HTML 2Page - Kyocera Kinseki Corpotation SCCR12B105SWAC1 Datasheet HTML 3Page - Kyocera Kinseki Corpotation SCCR12B105SWAC1 Datasheet HTML 4Page - Kyocera Kinseki Corpotation SCCR12B105SWAC1 Datasheet HTML 5Page - Kyocera Kinseki Corpotation SCCR12B105SWAC1 Datasheet HTML 6Page - Kyocera Kinseki Corpotation SCCR12B105SWAC1 Datasheet HTML 7Page - Kyocera Kinseki Corpotation SCCR12B105SWAC1 Datasheet HTML 8Page - Kyocera Kinseki Corpotation SCCR12B105SWAC1 Datasheet HTML 9Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
SCC Series
High Capacitance Cylindrical SuperCapacitors
TDS-SC-0001 | Rev 1
D (mm)
P (mm)
d (mm)
6.3
2.3
0.6
8
3.2
0.6
10
5.0
0.6
12.5
5.5
0.6*
16
7.3
0.8
18
8.0
0.8
*For parts with Diameter (D)=12.5mm:
If Length ≤ 30mm, Lead Diameter (d)=0.6mm
If Length ≥ 35mm, Lead Diameter (d)=0.8mm
Style
B (mm)
A1
4
C1
2
RADIAL LEAD TYPE 1F – 100F
MECHANICAL SPECIFICATIONS
SNAP-IN 400F PART
RADIAL BENT LEAD TYPE
Vent
WELDABLE LUG TYPE 3000F PART
Φ34
138±2mm
3±0.5mm
Vent
(-) Negative Polarity
SOLDER PIN TYPE 2 PIN 100F, 200F PART
L ±2mm
1.6±0.05mm
10±0.5mm
3±0.5mm
ø18±0.1mm
7±1.0mm
CYLINDRICAL SCREW TYPE 3000F PART
138±2mm
12
øD+1.0/-0mm
D±1.0mm
SOLDER PIN TYPE 4-PIN 300F, 400F PARTS
Cap (F)
D (mm)
L (mm)
300
35
62
400
35
68
L ± 2.0 mm
L ± 2.0 mm
ø16±0.1mm
+
-
– supercapacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com