Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCCR12B105SWAC1 Datasheet(PDF) 7 Page - Kyocera Kinseki Corpotation

Part # SCCR12B105SWAC1
Description  High Capacitance Cylindrical SuperCapacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

SCCR12B105SWAC1 Datasheet(HTML) 7 Page - Kyocera Kinseki Corpotation

  SCCR12B105SWAC1 Datasheet HTML 1Page - Kyocera Kinseki Corpotation SCCR12B105SWAC1 Datasheet HTML 2Page - Kyocera Kinseki Corpotation SCCR12B105SWAC1 Datasheet HTML 3Page - Kyocera Kinseki Corpotation SCCR12B105SWAC1 Datasheet HTML 4Page - Kyocera Kinseki Corpotation SCCR12B105SWAC1 Datasheet HTML 5Page - Kyocera Kinseki Corpotation SCCR12B105SWAC1 Datasheet HTML 6Page - Kyocera Kinseki Corpotation SCCR12B105SWAC1 Datasheet HTML 7Page - Kyocera Kinseki Corpotation SCCR12B105SWAC1 Datasheet HTML 8Page - Kyocera Kinseki Corpotation SCCR12B105SWAC1 Datasheet HTML 9Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
SCC Series
High Capacitance Cylindrical SuperCapacitors
TDS-SC-0001 | Rev 1
TEST METHODS (continued)
MAXIMUM CONTINUOUS CURRENT
• This is the maximum current when temperature rise of the supercapacitor during its operation is less than 15°C
MAXIMUM PEAK CURRENT
• This is the maximum current during 1 second time interval (dt)
WATT DENSITY
• Watt Density = (0.12*V2 / R
DC ) / mass
ENERGY DENSITY
• Energy Density = (½ CV2) / (3600*mass)
POLARITY AND REVERSE VOLTAGE
For product consistency and optimum performance, it is recommended that the capacitor be connected with polarity indicated. Reversing polarity could result
in permanent damage to the circuit including much higher leakage current for a short duration of time and the life time of the supercapacitors will be reduced.
LIFE TIME AND TEMPERATURE PERFORMANCE
The life of a supercapacitor is impacted by a combination of operating voltage and the operating temperature according to the following
Time to Failure equation:
t
∝Vn×e(−Q)kT
where V is the operating voltage, Q is the activation energy in electron volts (eV), k is the Boltzmann constant in eV, and T is the operating temperature in Kelvin
(K). Typical values for the voltage exponent, n, is between 2.5-3.5, and Q is between 1.0-1.2 eV in the normal operating temperature range of -40° to 65°C.
The industry standard for supercapacitor end of life is when the equivalent series resistance, ESR, increases to 200% of the specified value and the capacitance
drops by 30% from specified value. Typically a supercapacitor shows an initial “jump” in the ESR value and then levels off. If the supercapacitors are exposed
to excessive temperatures the ESR will show a continuous degradation (increase). In the extreme case, if the temperature or voltage are substantially higher
than the rated specifications, this could result in the part venting and the product showing a faster degradation of capacitance and ESR, which may be many
times the specified value.
– supercapacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com