Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISC104N12LM6 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # ISC104N12LM6
Description  OptiMOSTM 6 Power-Transistor, 120 V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC104N12LM6 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button ISC104N12LM6 Datasheet HTML 2Page - Infineon Technologies AG ISC104N12LM6 Datasheet HTML 3Page - Infineon Technologies AG ISC104N12LM6 Datasheet HTML 4Page - Infineon Technologies AG ISC104N12LM6 Datasheet HTML 5Page - Infineon Technologies AG ISC104N12LM6 Datasheet HTML 6Page - Infineon Technologies AG ISC104N12LM6 Datasheet HTML 7Page - Infineon Technologies AG ISC104N12LM6 Datasheet HTML 8Page - Infineon Technologies AG ISC104N12LM6 Datasheet HTML 9Page - Infineon Technologies AG ISC104N12LM6 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
OptiMOSTM6Power-Transistor,120V
ISC104N12LM6
Rev.2.0,2022-12-13
Final Data Sheet
4Electricalcharacteristicsdiagrams
Diagram1:Powerdissipation
TC[°C]
0
25
50
75
100
125
150
175
200
0
20
40
60
80
100
Ptot=f(TC)
Diagram2:Draincurrent
TC[°C]
0
25
50
75
100
125
150
175
200
0
10
20
30
40
50
60
70
ID=f(TC);VGS
≥10V
Diagram3:Safeoperatingarea
VDS[V]
100
101
102
103
10-2
10-1
100
101
102
103
1 µs
10 µs
100 µs
1 ms
10 ms
DC
ID=f(VDS);TC=25°C;D=0;parameter:tp
Diagram4:Max.transientthermalimpedance
tp[s]
10-6
10-5
10-4
10-3
10-2
10-1
100
10-2
10-1
100
101
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
ZthJC=f(tp);parameter:D=tp/T



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com