Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISC104N12LM6 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # ISC104N12LM6
Description  OptiMOSTM 6 Power-Transistor, 120 V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC104N12LM6 Datasheet(HTML) 1 Page - Infineon Technologies AG

  ISC104N12LM6 Datasheet HTML 1Page - Infineon Technologies AG ISC104N12LM6 Datasheet HTML 2Page - Infineon Technologies AG ISC104N12LM6 Datasheet HTML 3Page - Infineon Technologies AG ISC104N12LM6 Datasheet HTML 4Page - Infineon Technologies AG ISC104N12LM6 Datasheet HTML 5Page - Infineon Technologies AG ISC104N12LM6 Datasheet HTML 6Page - Infineon Technologies AG ISC104N12LM6 Datasheet HTML 7Page - Infineon Technologies AG ISC104N12LM6 Datasheet HTML 8Page - Infineon Technologies AG ISC104N12LM6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
ISC104N12LM6
Rev.2.0,2022-12-13
Final Data Sheet
1
2
3
4
5
6
7
8
4
3
2
1
5
6
7
8
SuperSO8
Drain
Pin 5-8
Gate
Pin 4
Source
Pin 1-3
*1
*1: Internal body diode
MOSFET
OptiMOSTM6Power-Transistor,120V
Features
•N-channel,logiclevel
•Verylowon-resistanceRDS(on)
•ExcellentgatechargexRDS(on)product(FOM)
•Verylowreverserecoverycharge(Qrr)
•Highavalancheenergyrating
•175°Coperatingtemperature
•Optimizedforhighfrequencyswitchingandsynchronousrectification
•Pb-freeleadplating;RoHScompliant
•Halogen-freeaccordingtoIEC61249-2-21
•MSL1classifiedaccordingtoJ-STD-020
Productvalidation
FullyqualifiedaccordingtoJEDECforIndustrialApplications
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS
120
V
RDS(on),max
10.4
m
Ω
ID
63
A
Qoss
37
nC
QG(0V...4.5V)
10.4
nC
Qrr(1000A/µs)
106
nC
Type/OrderingCode
Package
Marking
RelatedLinks
ISC104N12LM6
PG-TDSON-8
104N12L6
-


Similar Part No. - ISC104N12LM6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC1008 VISHAY-ISC1008 Datasheet
127Kb / 3P
Wirewound, Surface Mount, Shielded Inductor
10-Aug-06
ISC1008ER100M VISHAY-ISC1008ER100M Datasheet
399Kb / 3P
Surface Mount Wirewound Shielded Inductor
10-Aug-06
ISC1008ER100M VISHAY-ISC1008ER100M Datasheet
127Kb / 3P
Wirewound, Surface Mount, Shielded Inductor
10-Aug-06
logo
Inchange Semiconductor ...
ISC10F150S ISC-ISC10F150S Datasheet
298Kb / 2P
Damper diode
More results

Similar Description - ISC104N12LM6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPT030N12N3G INFINEON-IPT030N12N3G Datasheet
1Mb / 11P
OptiMOSTM 3 Power-Transistor, 120 V
Rev.2.1,2020-11-23
IPT017N12NM6 INFINEON-IPT017N12NM6 Datasheet
962Kb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-06
IPTC017N12NM6 INFINEON-IPTC017N12NM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.1, 2022-12-13
ISC030N12NM6 INFINEON-ISC030N12NM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-02
ISC037N12NM6 INFINEON-ISC037N12NM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
ISC073N12LM6 INFINEON-ISC073N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
ISZ106N12LM6 INFINEON-ISZ106N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
ISZ330N12LM6 INFINEON-ISZ330N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
BSC120N12LS INFINEON-BSC120N12LS Datasheet
1Mb / 13P
OptiMOSTM 2 Power-Transistor, 120 V
Rev. 2.0, 2019-11-25
IPF019N12NM6 INFINEON-IPF019N12NM6 Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2023-02-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com