Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCCZ1EB308SWB Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

Part # SCCZ1EB308SWB
Description  High Capacitance Cylindrical SuperCapacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

SCCZ1EB308SWB Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  SCCZ1EB308SWB Datasheet HTML 1Page - Kyocera Kinseki Corpotation SCCZ1EB308SWB Datasheet HTML 2Page - Kyocera Kinseki Corpotation SCCZ1EB308SWB Datasheet HTML 3Page - Kyocera Kinseki Corpotation SCCZ1EB308SWB Datasheet HTML 4Page - Kyocera Kinseki Corpotation SCCZ1EB308SWB Datasheet HTML 5Page - Kyocera Kinseki Corpotation SCCZ1EB308SWB Datasheet HTML 6Page - Kyocera Kinseki Corpotation SCCZ1EB308SWB Datasheet HTML 7Page - Kyocera Kinseki Corpotation SCCZ1EB308SWB Datasheet HTML 8Page - Kyocera Kinseki Corpotation SCCZ1EB308SWB Datasheet HTML 9Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
SCC Series
High Capacitance Cylindrical SuperCapacitors
TDS-SC-0001 | Rev 1
RATING & PART NUMBER REFERENCE
Part Number
Diameter
(mm)
Length
(mm)
Rated
Capacitance
(F)
Capacitance
Tolerance
Rated
Voltage
(V)
Rated
Temperature
(°C)
DCL Max
@ 72 Hrs
(µA)
ESR Max
@ 1000 Hz
(mΩ)
ESR Max
@ DC
(mΩ)
Peak
Current
(A)
Power
Density
(W/kg)
Max
Energy
(Wh)
Energy
Density
(Wh/kg)
Radial Lead
SCCQ15B125SRB
6.3
15
1.2
+30%/-10%
2.7/2.3*
65/85*
6
240
620
0.93
1933
0.0012
1.66
SCCR20B335PRB
8
20
3.3
+100%/-0%
2.7/2.3*
65/85*
12
95
290
2.28
2080
0.0033
2.30
SCCR25B505PRB
8
25
5
+100%/-0%
2.7/2.3*
65/85*
15
85
220
3.21
2339
0.0051
2.98
SCCS20B505PRB
10
20
5
+100%/-0%
2.7/2.3*
65/85*
15
70
180
3.55
2314
0.0051
2.41
SCCS25B705PRB
10
25
7
+100%/-0%
2.7/2.3*
65/85*
20
60
150
4.61
2243
0.0071
2.73
SCCS30B126SRB
10
30
12
+30%/-10%
2.7/2.3*
65/85*
30
50
75
8.53
3812
0.0122
3.97
SCCT30B156SRB
12.5
30
15
+30%/-10%
2.7/2.3*
65/85*
50
35
80
9.20
2430
0.0152
3.38
SCCT30B186SRB
12.5
30
18
+30%/-10%
2.7/2.3*
65/85*
55
40
60
11.68
3378
0.0182
4.93
SCCT35B226SRB
12.5
35
22
+30%/-10%
2.7/2.3*
65/85*
58
34
58
13.05
2631
0.0223
3.89
SCCU25B256SRB
16
25
25
+30%/-10%
2.7/2.3*
65/85*
60
27
50
15.00
2397
0.0253
3.47
SCCU30B356SRB
16
30
35
+30%/-10%
2.7/2.3*
65/85*
70
20
40
19.69
2514
0.0354
4.07
SCCT47B406SRB
12.5
47
40
+30%/-10%
2.7/2.3*
65/85*
75
19
29
25.00
4022
0.0405
5.40
SCCV40B506SRB
18
40
50
+30%/-10%
2.7/2.3*
65/85*
75
18
20
33.75
3365
0.0506
3.89
SCCV60B107SRB
18
60
100
+30%/-10%
2.7/2.3*
65/85*
260
15
18
48.21
2430
0.1013
5.06
Solder Pin Lead
SCCW45B107SSB
22
45
100
+30%/-10%
2.7/2.3*
65/85*
260
8
12
61.36
3391
0.1013
4.71
SCCX50B207SSB
30
50
200
+30%/-10%
2.7/2.3*
65/85*
600
6
9
96.43
2461
0.2025
5.13
SCCY62B307SSB
35
62
300
+30%/-10%
2.7/2.3*
65/85*
650
6
9
109.46
1262
0.3038
3.94
SCCY68B407SSB
35
68
400
+30%/-10%
2.7/2.3*
65/85*
1000
4
5
180.00
2046
0.4050
4.74
Snap-In
SCCY60B407SNB
35
60
400
+30%/-10%
2.7/2.3*
65/85*
1000
4
5
180.00
2430
0.4050
5.63
Cylindrical Lug Lead
SCCZ1EB308SCB
60
138
3000
+30%/-10%
2.7/2.3*
65/85*
5200
0.2
0.29
2165.78
6033
3.0375
6.08
Cylindrical Screw Lead
SCCZ1EB308SWB
60
138
3000
+30%/-10%
2.7/2.3*
65/85*
5200
0.2
0.29
2165.78
6033
3.0375
6.08
*with appropriate voltage derating operating temperature can be extended to 85°C
QUALIFICATION TEST SUMMARY
Test
Test Method
Parameter
Limits
Life Cycle
Capacitors are cycled between rated voltage and half-rated
voltage under constant current at +25°C for 500,000 cycles
Capacitance
ESR
Appearance
≤30% of spec value
≤200% of spec value
No remarkable defects
High Temperature
Load Life
Temperature: +65°C
Capacitance
ESR
Appearance
≤30% of spec value
≤200% of spec value
No remarkable defects
Voltage: Rated Voltage
Test Duration: 1,000 hours
Storage
Temperature
Characteristics
Storage Duration: 2 years
Capacitance
ESR
Appearance
≤30% of spec value
≤200% of spec value
No remarkable defects
No Load
Temperature: +35°C
Vibration
Resistance
Amplitude: 1.5mm
Capacitance
ESR
Appearance
≤30% of spec value
≤200% of spec value
No remarkable defects
Frequency: 10 ~ 55Hz
Direction: X, Y, Z for 2 hours each
Humidity
Voltage: Rated Voltage
Capacitance
ESR
Appearance
≤30% of spec value
≤200% of spec value
No remarkable defects
RH: 90%
Temperature: +60°C
Test Duration: 1,000 hours
– supercapacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com