Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCCZ1EB308SWB Datasheet(PDF) 9 Page - Kyocera Kinseki Corpotation

Part # SCCZ1EB308SWB
Description  High Capacitance Cylindrical SuperCapacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

SCCZ1EB308SWB Datasheet(HTML) 9 Page - Kyocera Kinseki Corpotation

  SCCZ1EB308SWB Datasheet HTML 1Page - Kyocera Kinseki Corpotation SCCZ1EB308SWB Datasheet HTML 2Page - Kyocera Kinseki Corpotation SCCZ1EB308SWB Datasheet HTML 3Page - Kyocera Kinseki Corpotation SCCZ1EB308SWB Datasheet HTML 4Page - Kyocera Kinseki Corpotation SCCZ1EB308SWB Datasheet HTML 5Page - Kyocera Kinseki Corpotation SCCZ1EB308SWB Datasheet HTML 6Page - Kyocera Kinseki Corpotation SCCZ1EB308SWB Datasheet HTML 7Page - Kyocera Kinseki Corpotation SCCZ1EB308SWB Datasheet HTML 8Page - Kyocera Kinseki Corpotation SCCZ1EB308SWB Datasheet HTML 9Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
SCC Series
High Capacitance Cylindrical SuperCapacitors
TDS-SC-0001 | Rev 1
SAFETY RECOMMENDATIONS
WARNINGS
• To Avoid Short Circuit, after usage or test, SuperCapacitor voltage needs
to discharge to ≤ 0.1V
• Do not Apply Overvoltage, Reverse Charge, Burn or Heat Higher than
150°C, explosion-proof valve may break open
• Do not Press, Damage or disassemble the SuperCapacitor, housing could
heat to high temperature causing Burns
• If you observe Overheating or Burning Smell from the capacitor
disconnect Power immediately, and do not touch
EMERGENCY APPLICATIONS
If Housing is Leaking:
• Skin Contact: Use soap and water thoroughly to wash the area of the skin
• Eye Contact: Flush with flowing water or saline, and immediately seek
medical treatment
• Ingestion: Immediately wash with water and seek medical treatment
TRANSPORTATION
Not subjected to US DOT or IATA regulations
UN3499, <10Wh, Non-Hazardous Goods
International shipping description – “Electronic Products – Capacitor”
Licensed by CAP-XX
REGULATORY
• UL 810A
• RoHS Compliant
• REACH Compliant
• Halogen free according to IEC 61249-2-21: 2003 and IPC/JEDEC-J-
STD-709
STORAGE
Capacitors may be stored within the temperature range of -40°C to +70°C
with humidity < 60%. Lower storage temperature is preferred as it extends
the shelf life of the capacitor. Product over one year and within two years of
the date code, we recommend recharging the product at the beginning of
use for at least 24 hours.
Optimum storage conditions are as follows:
• 25°C and RH ≤ 60% without voltage applied
• Not in direct sunlight
• Not in direct contact with water, salt oil or other chemicals
• Not in direct contact with corrosive materials, acids, alkalis, or
toxic gases
• Not in dusty environments
• Not in environments with shock and vibration conditions
– supercapacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com