| Electronic Components Datasheet Search |
|
PCF8576DT Datasheet(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8576DT Datasheet(HTML) 9 Page - NXP Semiconductors |
|
9 / 41 page ![]() 2004 Dec 22 9 Philips Semiconductors Product specification Universal LCD driver for low multiplex rates PCF8576D 6 FUNCTIONAL DESCRIPTION The PCF8576D is a versatile peripheral device designed to interface any microprocessor/microcontroller with a wide variety of LCDs. It can directly drive any static or multiplexed LCD containing up to four backplanes and up to 40 segments. The display configurations possible with the PCF8576D depend on the number of active backplane outputs required. A selection of display configurations is shown in Table 1; all of these configurations can be implemented in the typical system shown in Fig.5. The host microprocessor/microcontroller maintains the 2-line I2C-bus communication channel with the PCF8576D. The internal oscillator is enabled by connecting pin OSC to pin VSS. The appropriate biasing voltages for the multiplexed LCD waveforms are generated internally. The only other connections required to complete the system are to the power supplies (VDD, VSS and VLCD) and the LCD panel chosen for the application. Table 1 Selection of display configurations NUMBER OF 7-SEGMENTS NUMERIC 14-SEGMENTS ALPHANUMERIC DOT MATRIX BACKPLANES SEGMENTS DIGITS INDICATOR SYMBOLS CHARACTERS INDICATOR SYMBOLS 4 160 20 20 10 20 160 dots (4 × 40) 3 120 15 15 8 8 120 dots (3 × 40) 2 80 10 10 5 10 80 dots (2 × 40) 1 40 5 5 2 12 40 dots (1 × 40) HOST MICRO- PROCESSOR/ MICRO- CONTROLLER tr 2CB SDA SCL OSC 40 segment drives 4 backplanes LCD PANEL (up to 160 elements) PCF8576DU A0 8 7 2, 3 1, 58, 59 613 9 101112 A1 A2 SA0 VDD VSS VSS VDD VLCD mdb079 R ≤ Fig.5 Typical system configuration. The resistance of the power supply lines must be kept to a minimum. For chip-on-glass applications, due to Indium Tin Oxide (ITO) track resistance, each supply line must be routed separately between the chip and the connector. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |