Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F1763 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74F1763
Description  Intelligent DRAM controller IDC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F1763 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74F1763 Datasheet HTML 4Page - NXP Semiconductors 74F1763 Datasheet HTML 5Page - NXP Semiconductors 74F1763 Datasheet HTML 6Page - NXP Semiconductors 74F1763 Datasheet HTML 7Page - NXP Semiconductors 74F1763 Datasheet HTML 8Page - NXP Semiconductors 74F1763 Datasheet HTML 9Page - NXP Semiconductors 74F1763 Datasheet HTML 10Page - NXP Semiconductors 74F1763 Datasheet HTML 11Page - NXP Semiconductors 74F1763 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
Product specification
74F1763
Intelligent DRAM controller (IDC)
1999 Jan 08
8
AC ELECTRICAL CHARACTERISTICS (Continued)
LIMITS
NO
PARAMETER
TEST
CONDITIONS
TA = 25_C
VCC = +5.0V "10%
CL = 300pF
RL = 70W
TA = 0_C TO +70_C
VCC = +5.0V "10%
CL = 300pF
RL = 70
W
UNIT
MIN
TYP
MAX
MIN
MAX
30
Propagation delay REQ(
#) to
DTACK(
")
6
8
11.5
6
12
ns
31
Propagation delay CP(
") to
DTACK(
#)
7.5
9.5
12
7.5
13
ns
32
Propagation delay REQ(
") to
DTACK (3-state)
9
12
13
9
15.5
ns
33
MA0–9 (refresh address) to
RAS(
#) skew
1/2tcp – 5
1/2tcp – 6.5
ns
34
RAS(
#) to MA0–9 (refresh
address) skew
1tcp – 2
1tcp – 2.5
ns
35
RAS(
") to RAS(#) skew
(precharge)
PRECHRG = 0
4tcp – 6
4tcp – 3.5
4tcp – 1.5
4tcp – 6.5
4tcp – 6.5
ns
36
RAS(
") to RAS(#) skew
(precharge)
PRECHRG = 1
3tcp – 6
3tcp – 3.5
3tcp – 1.5
3tcp + 1
3tcp – 6.5
ns
NOTES:
1. REQ High hold means that, if REQ is High at the rising clock edge, it is guaranteed that the REQ input was not sampled as Low.
2. A 50% duty cycle clock is recommended. If the duty cycle of the clock is not 50%, REQ should be held high for enough time such that a
falling CP clock edge samples REQ as High. This is to ensure that refresh cycles don’t get locked-up.
3. When ALE is Low, the address input latches are in the transparent mode and therefore any changes in the address inputs will be propagated
to the MA0–9 outputs. Figure 2 illustrates RA0–9 inputs propagating to the MA0–9 outputs, but later in the cycle, if ALE is still Low when the
CA0–9 inputs are multiplexed to the MA0–9 outputs the CA0–9 inputs will be in the transparent mode.
4. If PAGE is High and REQ is Low, RAS is automatically negated after approximately 4 CP clock cycles. If PAGE is Low and REQ is also Low,
RAS will be negated when PAGE goes High. RAS will always be negated when REQ goes High regardless of the state of PAGE input.
TIMING DIAGRAMS
SF01403
1
2
CP
3
4
5
RCP
6
Figure 1. Clock cycle timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com