Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F1763 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74F1763
Description  Intelligent DRAM controller IDC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F1763 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74F1763 Datasheet HTML 8Page - NXP Semiconductors 74F1763 Datasheet HTML 9Page - NXP Semiconductors 74F1763 Datasheet HTML 10Page - NXP Semiconductors 74F1763 Datasheet HTML 11Page - NXP Semiconductors 74F1763 Datasheet HTML 12Page - NXP Semiconductors 74F1763 Datasheet HTML 13Page - NXP Semiconductors 74F1763 Datasheet HTML 14Page - NXP Semiconductors 74F1763 Datasheet HTML 15Page - NXP Semiconductors 74F1763 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Philips Semiconductors
Product specification
74F1763
Intelligent DRAM controller (IDC)
1999 Jan 08
13
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
Rep. Rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
Family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit Simulating RAM Boards
DEFINITIONS:
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
Amplitude
3.0V
1.5V
VM
SF01408



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com