Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C16935JM Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # P4C16935JM
Description  ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P4C16935JM Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  P4C16935JM Datasheet HTML 1Page - List of Unclassifed Manufacturers P4C16935JM Datasheet HTML 2Page - List of Unclassifed Manufacturers P4C16935JM Datasheet HTML 3Page - List of Unclassifed Manufacturers P4C16935JM Datasheet HTML 4Page - List of Unclassifed Manufacturers P4C16935JM Datasheet HTML 5Page - List of Unclassifed Manufacturers P4C16935JM Datasheet HTML 6Page - List of Unclassifed Manufacturers P4C16935JM Datasheet HTML 7Page - List of Unclassifed Manufacturers P4C16935JM Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
37
P4C168, P4C169, P4C170
Notes:
10.
CE/CS and WE must be LOW for WRITE cycle.
11. If
CE/CS goes HIGH simultaneously with WE HIGH, the output
remains in a high impedance state.
12. Write Cycle Time is measured from the last valid address to the first
transitioning address.
ADDRESS
CE/CS
t WC
DATA VALID
HIGH IMPEDANCE
WE
DATA IN
DATA OUT
DATA UNDEFINED
(12)
(8)
t CW
t AW
t WP
t DW
t WR
t AH
t DH
t OW
t AS
t WZ
(8,11)
TIMING WAVEFORM OF WRITE CYCLE NO. 1 (
WE
WE
WE
WE
WE CONTROLLED)(10)
AC ELECTRICAL CHARACTERISTICS - WRITE CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Sym.
Parameter
Write Cycle Time
Chip Enable Time to
End of Write
Address Valid to
End of Write
Address Set-up Time
Write Pulse Width
Address Hold Time
Data Valid to End
of Write
Data Hold Time
Write Enable to
Output in High Z
Output Active from
End of Write
t
WC
t
CW
t
WP
t
AH
t
DW
t
DH
t
WZ
t
AS
t
OW
–12
–15
t
AW
–20
–25
–35
Min
12
12
12
12
0
7
0
0
4
Max Min
15
15
15
0
15
0
8
0
0
Max
5
Min
18
18
18
0
18
0
10
0
0
Max
7
Min
20
20
20
0
0
10
0
0
20
Max
7
Min
35
30
30
0
30
0
15
0
0
Max
Unit
ns
ns
ns
ns
ns
ns
ns
0
ns
ns
13
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com