Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3045PCT Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # MBR3045PCT
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

MBR3045PCT Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  MBR3045PCT Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. MBR3045PCT Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR3040PCT THRU MBR30200PCT
Features
· The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
· Construction utilizes void-free molded plastic technique
· Low reverse leakage
· High forward surge current capability
· High temperature soldering guaranteed
250 /10 seconds at terminals
Maximum Ratings And Electrical Characteristics
Maximum repetitive peak reverse voltage
Maximum DC blocking voltage
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load
Maximum average forward rectified
current at TC=110
V
Units
A
A
Maximum DC reverse current
at rated DC blocking voltage
Typical thermal resistance
mA
Maximum instantaneous forward voltage per diode at 15A
Items
Mechanical Data
· Case : Molded plastic body
· Polarity : Polarity symbol marking on body
· Mounting Position : Any
200
50
10
0.5
0.05
-55 to +150
-55 to +150
Operating junction temperature range
SCHOTTKY BARRIER RECTIFIER
CURRENT 30 A
VOLTAGE 40 to 200 V
2.8
40
28
40
42
45
31.5
45
100
100
0.55
0.85
V
T
per device
per diode
30
15
A
=25
TA=125
150
105
150
200
140
200
0.95
MBR
3040PCT
MBR
3045PCT
MBR
MBR
30100PCT
MBR
30150PCT
MBR
30200PCT
V
V
VRRM
I
VF
IR
V
TJ
T
VDC
I
R
https://dec.co.kr
DAESAN ELECTRONIC CORP.
TO-3P
PIN 1
PIN 2
PIN 3


Similar Part No. - MBR3045PCT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR3045PT FAIRCHILD-MBR3045PT Datasheet
55Kb / 3P
Schottky Rectifiers
logo
Diodes Incorporated
MBR3045PT DIODES-MBR3045PT Datasheet
64Kb / 2P
30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. E-2
logo
General Semiconductor
MBR3045PT GE-MBR3045PT Datasheet
74Kb / 2P
SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR3045PT DIODES-MBR3045PT Datasheet
62Kb / 3P
30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. 8 - 2
logo
Micro Commercial Compon...
MBR3045PT MCC-MBR3045PT Datasheet
1Mb / 3P
30 Amp Schottky Barrier Rectifier 20 to 60 Volts
More results

Similar Description - MBR3045PCT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com