Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3045PCT Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # MBR3045PCT
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

MBR3045PCT Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  MBR3045PCT Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. MBR3045PCT Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-DERATING CURVE OUTPUT
RECTIFIED CURRENT
CASE TEMPERATURE ( )
FIG.3-TYPICAL FORWARD VOLTAGE
CHARACTERISTICS
FIG.2-MAXIMUM NON-REPETITIVE
SURGE CURRENT
FIG.4-TYPICAL REVERSE LEAKAGE CHARACTERISTICS
PERCENT OF PEAK REVERSE VOLTAGE (%)
RATINGS AND CHARACTERISTIC CURVES MBR3040PCT THRU MBR30200PCT
40
35
30
25
15
10
5
20
0
100
10
1
0.001
0.01
0.1
0
20
40
60
80
100
20
40
60
80
0
140
120
100
160
INSTANTANEOUS FORWARD VOLTAGE (V)
500
100
10
1
0.1
0.2
0.4
1.0
0.6
0.8
0
1.4
1.2
1.6
NUMBER OF CYCLES AT 60Hz
280
240
200
160
120
40
1
10
100
80
0
https://dec.co.kr
DAESAN ELECTRONIC CORP.
1 Cycle
MBR30100PCT~MBR30200PCT
MBR3040PCT~MBR3060PCT
MBR3040PCT~MBR3045PCT
MBR3040PCT~MBR3060PCT
MBR30100PCT~MBR30200PCT
MBR30150PCT~MBR30200PCT
MBR30100PCT
MBR3060PCT
TJ=25
TJ=100
TJ=25



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com