Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP33151-10-E/MS Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP33151-10-E/MS
Description  1 Msps/500 ksps, 14/12-Bit Single-Ended Input SAR ADC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33151-10-E/MS Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP33151-10-E/MS Datasheet HTML 16Page - Microchip Technology MCP33151-10-E/MS Datasheet HTML 17Page - Microchip Technology MCP33151-10-E/MS Datasheet HTML 18Page - Microchip Technology MCP33151-10-E/MS Datasheet HTML 19Page - Microchip Technology MCP33151-10-E/MS Datasheet HTML 20Page - Microchip Technology MCP33151-10-E/MS Datasheet HTML 21Page - Microchip Technology MCP33151-10-E/MS Datasheet HTML 22Page - Microchip Technology MCP33151-10-E/MS Datasheet HTML 23Page - Microchip Technology MCP33151-10-E/MS Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
MCP33151/41-XX
DS20006220A-page 20
 2019 Microchip Technology Inc.
Note:
Unless otherwise specified, all parameters apply for TA = +25°C, AVDD = 1.8V, DVIO = 3.3V, VREF = 5V,
GND = 0V, Differential Analog Input (VIN) = -1 dBFS, fIN = 10 kHz, CLOAD_SDO = 20 pF.
MCP33141-10: Sample Rate (fS) = 1 Msps, SPI Clock Input (SCLK) = 60 MHz.
MCP33141-05: Sample Rate (fS) = 500 ksps, SPI Clock Input (SCLK) = 30 MHz.
FIGURE 3-13:
SNR/SINAD/ENOB vs.
Reference Voltage.
FIGURE 3-14:
SNR/SINAD vs.
Temperature: VREF =5V.
FIGURE 3-15:
THD/SFRD vs.
Temperature: VREF =5V.
FIGURE 3-16:
THD/SFDR vs. Reference
Voltage.
FIGURE 3-17:
SNR/SINAD vs.
Temperature: VREF =1.8V.
FIGURE 3-18:
THD/SFDR vs.
Temperature: VREF =1.8V.
2345
Reference Voltage (V)
68
69
70
71
72
73
11
11.2
11.4
11.6
11.8
12
SNR (dB)
SINAD(dB)
ENOB
-50
0
50
100
150
Temperature (°C)
72
72.1
72.2
72.3
72.4
72.5
SNR (dB)
SINAD(dB)
V
REF
= 5V
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
-100.5
-100.4
-100.3
-100.2
-100.1
-100
-99.9
99.9
100
100.1
100.2
100.3
100.4
100.5
THD(dB)
SFDR(dB)
V
REF
= 5V
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Reference Voltage (V)
-102
-99.5
-97
-94.5
-92
94
96
98
100
102
THD (dB)
SFDR(dB)
-50
0
50
100
150
Temperature (°C)
69
69.2
69.4
69.6
69.8
70
SNR (dB)
SINAD(dB)
V
REF
= 1.8V
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
-96
-94
-92
-90
-88
-86
-84
87
89
91
93
95
97
99
THD(dB)
SFDR(dB)
V
REF
= 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com