Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP33151-10-E/MS Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP33151-10-E/MS
Description  1 Msps/500 ksps, 14/12-Bit Single-Ended Input SAR ADC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33151-10-E/MS Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP33151-10-E/MS Datasheet HTML 7Page - Microchip Technology MCP33151-10-E/MS Datasheet HTML 8Page - Microchip Technology MCP33151-10-E/MS Datasheet HTML 9Page - Microchip Technology MCP33151-10-E/MS Datasheet HTML 10Page - Microchip Technology MCP33151-10-E/MS Datasheet HTML 11Page - Microchip Technology MCP33151-10-E/MS Datasheet HTML 12Page - Microchip Technology MCP33151-10-E/MS Datasheet HTML 13Page - Microchip Technology MCP33151-10-E/MS Datasheet HTML 14Page - Microchip Technology MCP33151-10-E/MS Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
 2019 Microchip Technology Inc.
DS20006220A-page 11
MCP33151/41-XX
2.0
TYPICAL PERFORMANCE CURVES FOR 14-BIT DEVICES (MCP33151-XX)
Note:
Unless otherwise specified, all parameters apply for TA = +25°C, AVDD = 1.8V, DVIO = 3.3V, VREF = 5V,
GND = 0V, Differential Analog Input (VIN) = -1 dBFS, fIN = 10 kHz, CLOAD_SDO = 20 pF.
MCP33151-10: Sample Rate (fS) = 1 Msps, SPI Clock Input (SCLK) = 60 MHz.
MCP33151-05: Sample Rate (fS) = 500 ksps, SPI Clock Input (SCLK) = 30 MHz.
FIGURE 2-1:
INL vs. Output Code:
VREF =5V.
FIGURE 2-2:
INL vs. Output Code:
VREF =1.8V.
FIGURE 2-3:
INL vs. Reference Voltage.
FIGURE 2-4:
DNL vs. Output Code:
VREF =5V.
FIGURE 2-5:
DNL vs. Output Code:
VREF =1.8V.
FIGURE 2-6:
DNL vs. Reference Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
4,096
8,192
12,288
16,384
Code
-1
-0.5
0
0.5
1
V
REF
= 5V
0
4,096
8,192
12,288
16,384
Code
-1
-0.5
0
0.5
1
V
REF
= 1.8V
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Voltage Reference
-0.7
-0.5
-0.25
0
0.25
0.5
0.7
Max INL (LSB)
Min INL (LSB)
0
4,096
8,192
12,288
16,384
Code
-1
-0.5
0
0.5
1
V
REF
= 5V
0
4,096
8,192
12,288
16,384
Code
-1
-0.5
0
0.5
1
V
REF
= 1.8V
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Voltage Reference
-0.3
-0.15
0
0.15
0.3
Max DNL (LSB)
Min DNL (LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com