Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXDP20N60B Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXDP20N60B
Description  High Voltage IGBT with optional Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDP20N60B Datasheet(HTML) 2 Page - IXYS Corporation

  IXDP20N60B Datasheet HTML 1Page - IXYS Corporation IXDP20N60B Datasheet HTML 2Page - IXYS Corporation IXDP20N60B Datasheet HTML 3Page - IXYS Corporation IXDP20N60B Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2000 IXYS All rights reserved
2 - 4
IXDP 20N60 B
IXDP 20N60 BD1
Symbol
Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
C
ies
800
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
85
pF
C
res
50
pF
Q
g
I
C = 20 A, VGE = 15 V, VCE = 480 V
70
nC
t
d(on)
25
ns
t
r
30
ns
t
d(off)
260
ns
t
f
55
ns
E
on
0.9
mJ
E
off
0.4
mJ
R
thJC
0.9 K/W
R
thCH
Package with heatsink compound
0.5
K/W
Inductive load, T
J = 125°C
I
C = 20 A, VGE = ±15 V,
V
CE = 300 V, RG = 22 W
Reverse Diode (FRED) [D1 version only]
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Conditions
min.
typ.
max.
V
F
I
F = 20 A, VGE = 0 V
2.1
2.4
V
I
F = 20 A, VGE = 0 V, TJ = 125°C
1.6
V
I
F
T
C = 25°C
25
A
T
C = 90°C
15
A
I
RM
I
F = 10 A, -diF/dt = 400 A/µs, VR = 300 V
11
A
t
rr
V
GE = 0 V, TJ = 125°C
80
ns
t
rr
I
F = 1 A, -diF/dt = 100 A/µs, VR = 30 V, VGE = 0 V
40
ns
R
thJC
2.5 K/W
TO-220 AB Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
12.70
13.97
0.500
0.550
B
14.73
16.00
0.580
0.630
C
9.91
10.66
0.390
0.420
D
3.54
4.08
0.139
0.161
E
5.85
6.85
0.230
0.270
F
2.54
3.18
0.100
0.125
G
1.15
1.65
0.045
0.065
H
2.79
5.84
0.110
0.230
J
0.64
1.01
0.025
0.040
K
2.54
BSC
0.100
BSC
M
4.32
4.82
0.170
0.190
N
1.14
1.39
0.045
0.055
Q
0.35
0.56
0.014
0.022
R
2.29
2.79
0.090
0.110



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com