Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXDP20N60B Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXDP20N60B
Description  High Voltage IGBT with optional Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDP20N60B Datasheet(HTML) 4 Page - IXYS Corporation

  IXDP20N60B Datasheet HTML 1Page - IXYS Corporation IXDP20N60B Datasheet HTML 2Page - IXYS Corporation IXDP20N60B Datasheet HTML 3Page - IXYS Corporation IXDP20N60B Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2000 IXYS All rights reserved
4 - 4
IXDP 20N60 B
IXDP 20N60 BD1
Fig. 7 Typ. turn on energy and switching
Fig. 8 Typ. turn off energy and switching
times versus collector current
times versus collector current
Fig. 9 Typ. turn on energy and switching
Fig.10 Typ. turn off energy and switching
times versus gate resistor
times versus gate resistor
Fig. 11 Reverse biased safe operating area
Fig. 12 Typ. transient thermal impedance
RBSOA
0
102030
0.0
0.5
1.0
1.5
0
25
50
75
010
20
30
0.0
0.2
0.4
0.6
0.8
0
100
200
300
400
10-5
10-4
10-3
10-2
10-1
100
101
0.001
0.01
0.1
1
0
102030
405060
70
0.00
0.25
0.50
0.75
1.00
0
200
400
600
800
0
10
203040506070
0.4
0.6
0.8
1.0
1.2
0
10
20
30
40
single pulse
V
CE = 300V
V
GE = ±15V
R
G = 22W
T
J = 125°C
IXDP20N06B
V
CE = 300V
V
GE = ±15V
I
C
= 20A
T
J = 125°C
0
100 200 300 400 500 600 700
0
20
40
60
80
R
G = 22W
T
J = 125°C
V
CE = 300V
V
GE = ±15V
R
G = 22W
T
J = 125°C
E
on
V
CE = 300V
V
GE = ±15V
I
C
= 20A
T
J = 125°C
t
d(on)
t
r
t
d(off)
t
f
E
on
t
d(on)
t
r
E
off
t
d(off)
t
f
I
C
A
I
C
A
E
off
E
on
t
t
R
G
W
R
G
W
V
CE
t
s
mJ
E
on
mJ
E
off
ns
t
ns
t
I
CM
K/W
Z
thJC
IGBT
diode
V
A
mJ
ns
ns
mJ
E
off
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com