Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1208052 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1208052
Description  Distributor - FOC-PP-17S12-LCD6-OM1
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1208052 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1208052 Datasheet HTML 1Page - PHOENIX CONTACT 1208052 Datasheet HTML 2Page - PHOENIX CONTACT 1208052 Datasheet HTML 3Page - PHOENIX CONTACT 1208052 Datasheet HTML 4Page - PHOENIX CONTACT 1208052 Datasheet HTML 5Page - PHOENIX CONTACT 1208052 Datasheet HTML 6Page - PHOENIX CONTACT 1208052 Datasheet HTML 7Page - PHOENIX CONTACT 1208052 Datasheet HTML 8Page - PHOENIX CONTACT 1208052 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Distributor, design: DIN rail module, type of protection: IP20, number of positions: 12, material:
sheet steel, connection method: M17 circular connector, cable outlet: downward, color: traffic
gray A RAL 7042, Ethernet
Product Description
FDX-20 series DIN rail distributor for Plug and Play connection, equipped with 6x LC Duplex couplings and 1x M17 MPO 12-pos. socket, socket
attached on the underside (upon request, the socket can also be attached on the top). Housing (2-part) prepared for DIN rail mounting through the
rear-side adapter (this can also be mounted on the side)
Commercial Data
Item number
1208052
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to Order (non-returnable)
Sales Key
A08
Product Key
ABNAHB
GTIN
4063151275952
Weight per Piece (including packing)
631 g
Weight per Piece (excluding packing)
631 g
Customs tariff number
85367000
Country of origin
DE
Distributor - FOC-PP-17S12-LCD6-OM1
1208052
https://www.phoenixcontact.com/us/products/1208052
Feb 10, 2023, 7:27 AM
Page 1 (20)


Similar Part No. - 1208052

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1208050 PHOENIX-1208050 Datasheet
46Kb / 2P
Replacement die - CRIMPFOX MT 2,5 DIE
1208051 PHOENIX-1208051 Datasheet
516Kb / 20P
Distributor - FOC-PP-17S4-LCD2-OM1
1208053 PHOENIX-1208053 Datasheet
522Kb / 20P
Distributor - FOC-PP-17S24-LCD12-OM1
1208054 PHOENIX-1208054 Datasheet
680Kb / 20P
Distributor - FOC-PP-OS4S-LCD2-OM1
1208056 PHOENIX-1208056 Datasheet
550Kb / 18P
Distributor - FOC-PP-OS24-LCD12-OM1
More results

Similar Description - 1208052

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1019710 PHOENIX-1019710 Datasheet
55Kb / 3P
Splice box - FOC-FDX20-PP-LCD6-MM
1018564 PHOENIX-1018564 Datasheet
229Kb / 2P
Distributor cable - FOC-17S12-LCD6-GF02/1
1019679 PHOENIX-1019679 Datasheet
565Kb / 18P
Distributor - FOC-PP-OS12-LCD6-OM1
1208051 PHOENIX-1208051 Datasheet
516Kb / 20P
Distributor - FOC-PP-17S4-LCD2-OM1
1208053 PHOENIX-1208053 Datasheet
522Kb / 20P
Distributor - FOC-PP-17S24-LCD12-OM1
1208054 PHOENIX-1208054 Datasheet
680Kb / 20P
Distributor - FOC-PP-OS4S-LCD2-OM1
1208056 PHOENIX-1208056 Datasheet
550Kb / 18P
Distributor - FOC-PP-OS24-LCD12-OM1
1343377 PHOENIX-1343377 Datasheet
565Kb / 22P
Splice box - FOC-FDX20-PP-LCD6-OM1-PT9
1343385 PHOENIX-1343385 Datasheet
606Kb / 22P
Distributor - FOC-FDX20-PP-LCD6/LCD6:ME-MM
1343386 PHOENIX-1343386 Datasheet
578Kb / 21P
Distributor - FOC-FDX20-PP-LCD6/LCD6-OSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com