Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1208052 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1208052
Description  Distributor - FOC-PP-17S12-LCD6-OM1
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1208052 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1208052 Datasheet HTML 1Page - PHOENIX CONTACT 1208052 Datasheet HTML 2Page - PHOENIX CONTACT 1208052 Datasheet HTML 3Page - PHOENIX CONTACT 1208052 Datasheet HTML 4Page - PHOENIX CONTACT 1208052 Datasheet HTML 5Page - PHOENIX CONTACT 1208052 Datasheet HTML 6Page - PHOENIX CONTACT 1208052 Datasheet HTML 7Page - PHOENIX CONTACT 1208052 Datasheet HTML 8Page - PHOENIX CONTACT 1208052 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Technical Data
Product properties
Type
Rail-mountable module
Product type
Network distributor box
Number of positions
12
Connection profile
LC-Duplex
No. of conductors
12
Number of module slots
6
Number of slots
12
Protective cover
yes
Cable outlet
above and below
Electrical properties
Attenuation
≤ 0.6 dB
Transmission medium
FO
Connection data
Connection technology
Connection method
M17 circular connector
Dimensions
Width
40 mm
Height
130 mm
Depth
115 mm
Housing
Housing width
40 mm
Mechanical characteristics
Ferrule diameter
1.25 mm
Material specifications
Color
gray
Flammability rating according to UL 94
V0
Ferrule material
PPS
Housing surface material
Powder-coated, gray (metal housing)
Housing material
Metal
Cable / line
Cable type
Multimode fiberglass
Cable type
Fan out
Individual wire diameter
2 mm
FO cable
Distributor - FOC-PP-17S12-LCD6-OM1
1208052
https://www.phoenixcontact.com/us/products/1208052
Feb 10, 2023, 7:27 AM
Page 2 (20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com