Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIL30C Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SIL30C
Description  DC/DC CONVERTERS C Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL30C Datasheet(HTML) 1 Page - Artesyn Technologies

  SIL30C Datasheet HTML 1Page - Artesyn Technologies SIL30C Datasheet HTML 2Page - Artesyn Technologies SIL30C Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC/DC CONVERTERS
C Class Non-isolated
1
2 YEAR WARRANTY
SIL30C Series
12Vin single output
• 30A current rating
• Input voltage range: 10.2V - 13.8V
• Output voltage range: 0.9V - 5.0V
• Industry leading value
• Cost optimised design
• Excellent transient response
• Output Voltage adjustability
• Pathway for future upgrades
• Supports silicon voltage migration
• Resulting in reduced design-in and qualification time
• Designed in reliability: MTBF of > 3.9 million hrs
per Telcordia SR-332
The SIL30C Series is a new high density open-frame non-isolated converter for space
sensitive applications. The converter has a wide input range (10.2 to 13.8Vdc) and offers a
wide 0.9V to 5V output voltage range with a 30A load. The series offers remote ON/OFF,
over-temperature protection and over-current protection as standard. Its current share
facility supports parallel operation of multiple SIL30 units and the remote sense feature
enables the SIL30C compensate for voltage drops between the converters output and the
load. With full international safety approvals including EN60950 and UL/cUL60950 the
SIL30C reduces compliance costs and time to market.
NEW Product
All specifications are typical at nominal input, full load at 25°C unless otherwise stated
SPECIFICATIONS
OUTPUT SPECIFICATIONS
Voltage adjustability
(See Note 1)
0.9V to 5.0V
Output setpoint accuracy Using 1.0% trim resistors
±2.5%
Line regulation
Low line to high line
±0.2% max.
Load regulation
Full load to min. load
±1.0% max.
Min/max load
0A/30A
Overshoot
At turn-on
1.0% max.
Undershoot
At turn-off
100mV max.
Ripple and noise
(See Note 2)
50mV pk-pk
5Hz to 20MHz
15mV rms
Transient response
Deviation
75mV
(See Note 3)
150µs recovery to
within regulation band
Current share
Full load
±10%
INPUT SPECIFICATIONS
Input voltage range
Nominal 12V
10.2 to 13.8VDC
Input current
No load
230mA
Remote OFF
30mA
Input current (max.)
(See Note 4)
13.8A max. @ Io max.
and Vin = 10.8V
Input reflected ripple
(See Note 2)
150mA (pk-pk)
Remote ON/OFF
Logic compatibility
Logic high
ON
>2.4VDC
OFF
<0.8VDC
Start-up time
Power up
<6ms
(See Note 5)
Remote ON/OFF
<6ms
File Name: SIL30C.PDF Rev: 04 Mar 2003
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. E139421
UL60950 file No. E139421
TÜV
TÜV Product Service (EN60950) Certificate No. B0211 19870 205
CB report and certificate to IEC60950
INPUT SPECIFICATIONS (CONTD.)
Turn ON threshold
9.0VDC
Turn OFF threshold
8.3VDC
GENERAL SPECIFICATIONS
Efficiency
91%
Switching frequency
Fixed
300kHz typ.
Approvals and
(See Note 7)
TÜV Product Services
standards (pending)
IEC60950, UL/cUL60950
Material flammability
UL94V-0
Weight
28.3g (1oz)
MTBF
Telcordia SR-332
3,994,753
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
0ºC to +80ºC
(See Note 8)
temperature
Non-operating
-40ºC to +125ºC
PROTECTION
Short-circuit protection
Foldback, non-latching
Over-temperature protection
Hiccup, non-latching
RECOMMENDED SYSTEM CAPACITANCE
Input capacitance
(See Note 9)
270µF/20mΩ esr max.
Output capacitance
(See Note 9) 2 x 680µF/10mΩ esr max.


Similar Part No. - SIL30C

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIL30C EMERSON-NETWORKPOWER-SIL30C Datasheet
216Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SIL30C-00SADJ-HJ ARTESYN-SIL30C-00SADJ-HJ Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL30C-00SADJ-VJ ARTESYN-SIL30C-00SADJ-VJ Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL30C-12SADJ-VJ EMERSON-NETWORKPOWER-SIL30C-12SADJ-VJ Datasheet
216Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SIL30C-12SADJ-VJ ARTESYN-SIL30C-12SADJ-VJ_15 Datasheet
555Kb / 3P
C-Class Non-Isolated POWER
More results

Similar Description - SIL30C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT20C ARTESYN-SMT20C Datasheet
188Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT30C ARTESYN-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL15C EMERSON-NETWORKPOWER-SIL15C Datasheet
204Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com