Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIL30C Datasheet(PDF) 3 Page - Artesyn Technologies

Part # SIL30C
Description  DC/DC CONVERTERS C Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL30C Datasheet(HTML) 3 Page - Artesyn Technologies

  SIL30C Datasheet HTML 1Page - Artesyn Technologies SIL30C Datasheet HTML 2Page - Artesyn Technologies SIL30C Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
SIL30C Series
12Vin single output
DC/DC CONVERTERS
C Class Non-isolated
3
NEW Product
All dimensions in INCHES (mm)
General tolerance
±0.015in (±0.30mm)
except where specified otherwise
0.470
(11.94)
0.150
(3.82)
0.120
(3.05)
0.150
(3.81) Ref.
0.212
(5.38)
0.120
(3.05)
0.090
(2.29)
1.200
(30.48)
0.290
(7.46)
0.100
(2.54) Typ.
2.300
(58.42)
2.400
(60.96)
0.050
(1.27)
Figure 1: Mechanical Drawing - Horizontal Mount Version
Figure 2: Mechanical Drawing - Vertical Mount Version
All dimensions in inches (mm)
General tolerance
±0.015in (±0.30mm)
except where specified otherwise
0.090
(2.29)
0.250
(6.35)
1.200
(30.48)
2.300
(58.42)
0.025
(0.64) Typ
0.050
(1.27)
2.400
(60.96)
Pin 1
0.062
(1.57) Ref
0.500
±0.020
(12.80
±0.50)
0.080
±0.020
(1.90
±0.50)
0.050
(1.27) Typ
0.025
(0.64) Typ
0.260
±0.030
(6.59
±0.76)
0.100
(2.54) Typ
Data Sheet © Artesyn Technologies® 2003
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items: ✔ Application Note ✔ Longform Data Sheet
www.artesyn.com
File Name: SIL30C.PDF Rev: 04 Mar 2003



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com