Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4331CUFDTRPBF Datasheet(PDF) 26 Page - Analog Devices

Part # LTC4331CUFDTRPBF
Description  I2C Slave Device Extender Over Rugged Differential Link
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331CUFDTRPBF Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC4331CUFDTRPBF Datasheet HTML 18Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 19Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 20Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 21Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 22Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 23Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 24Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 25Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
LTC4331
26
Rev 0
ANALOG DEVICES, INC. 2018
D17181-0-9/18(0)
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC4316/LTC4317/
LTC4318
Single I2C/SMBus Address Translator
Resistor Configurable, 2.5V, 3.3V, and 5V Busses
LTC4312/LTC4314
Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus
Buffers
Two or Four Pin Selectable Downstream Busses, VIL Up to 0.3V • VCC,
Rise Time Accelerators, 45ms Stuck Bus Disconnect and Recovery,
±4kV HBM ESD
LTC4305/LTC4306
2-Channel, 2-Wire Bus Multiplexer with Capacitance
Buffering
Two or Four Software Selectable Downstream Busses, Stuck Bus
Disconnect, Rise Time Accelerators, Fault Reporting, ±10kV HBM ESD
LTC4310
Hot-Swappable I2C Isolators
Bidirectional I2C Communication between Two Isolated Busses
LTM2892
SPI/Digital or I2C µModule Isolator
3500VRMS Isolation, 6 Channels
LTM2883/LTM2886/
LTM2887
SPI/Digital or I2C µModule Isolator with Adjustable ±12.5V
and 5V Regulated Power
2500VRMS Isolation with Power in BGA Package
Figure25. Extending an LTC2439 4-Channel ADC for Remote Measuring
µP
A
B
LTC4331
GND
10k
2.7k
2.7k
1µF
1µF
620
110
620
SDA
SCL
SPEED1
ALERT
SPEED2
REMOTE
SLO
CTRL
RDY
LINK
A1
A2
VCC
VL
3.3V TO 5V
4331 F25
2.7k
2.7k
LTC2493
CA1
OSC
CA0
fO
COM
SDA
SCL
CH3
CH2
CH1
CH0
2.7V TO 5.5V
ON
4.7µF
4.7µF
EEPROM
REMOTE MEASUREMENT DEVICE
4-CHANNEL
MUX
TEMPERATURE
SENSOR
620
110
620
10k
A
B
REMOTE
VCC
VL
SPEED1
ALERT
SPEED2
SLO
ON LTC4331
GND
A1
A2
SDA
SCL
CTRL
RDY
LINK
IN+
IN–
REF+
REF–
VCC
24-BIT ∆∑ ADC
WITH EASY-DRIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com