Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4331CUFDTRPBF Datasheet(PDF) 5 Page - Analog Devices

Part # LTC4331CUFDTRPBF
Description  I2C Slave Device Extender Over Rugged Differential Link
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331CUFDTRPBF Datasheet(HTML) 5 Page - Analog Devices

  LTC4331CUFDTRPBF Datasheet HTML 1Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 2Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 3Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 4Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 5Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 6Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 7Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 8Page - Analog Devices LTC4331CUFDTRPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LTC4331
5
Rev 0
For more information www.analog.com
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, CL = 20pF, VCC = 5V, VL = 3.3V, GND = 0V; unless otherwise noted.
Conditions Fast-mode Plus, Fast-mode, and Standard-mode listed below as Fm+, Fm, and Sm respectively.
SWITCHING CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tON_LOW
Pulse Width of ON Low for Valid Reset Condition
l
1
µs
Local Mode (REMOTE = 0)
tREADY
Delay From ON Rise to RDY Low
I2C Bus IDLE
65
µs
tREMOTE_RESET
Delay From Local ON Low for Valid Remote Reset
Condition
l
180
ms
fSCL:SLAVE
Slave Device SCL Operating Frequency
(Note 3)
l
10
1000
2000
kHz
tBUF:SLAVE
Bus free Time between STOP and START
SPEED1/SPEED2 = Fm+
SPEED1/SPEED2 = Fm
SPEED1/SPEED2 = Sm
l
l
l
0.5
1.3
4.7
µs
µs
µs
tSU:STA:SLAVE
Repeated Start Condition Setup Time
SPEED1/SPEED2 = Fm+
SPEED1/SPEED2 = Fm
SPEED1/SPEED2 = Sm
l
l
l
0.26
0.6
4.7
µs
µs
µs
tHD:STA:SLAVE
Hold Time after START Condition
SPEED1/SPEED2 = Fm+
SPEED1/SPEED2 = Fm
SPEED1/SPEED2 = Sm
l
l
l
0.26
0.6
4
µs
µs
µs
tSU:STO:SLAVE
STOP Condition Setup Time
SPEED1/SPEED2 = Fm+
SPEED1/SPEED2 = Fm
SPEED1/SPEED2 = Sm
l
l
l
0.26
0.6
4
µs
µs
µs
tSU:DAT:FSLAVE
Data Setup Time from LTC4331
SPEED1/SPEED2 = Fm+
SPEED1/SPEED2 = Fm
SPEED1/SPEED2 = Sm
l
l
l
50
100
250
ns
ns
ns
tSU:DAT:TSLAVE
Data Setup Time to LTC4331
l
50
ns
tHD:DAT:TSLAVE
Data Hold Time to LTC4331
l
0
ns
tHD:DAT:FSLAVE
Data Hold Time from LTC4331
l
50
ns
tTIMEOUT:SLAVE
SCL Low Timeout Detection
l
28
31.5
35
ms
tLOW:SLAVE
SCL Low Time
l
0.25
µs
tHIGH:SLAVE
SCL High Time
l
0.25
50
µs
tHIGH:IDLE
SCL High for Bus Idle Detection
l
70
µs
Remote Mode (REMOTE = 1)
tSCL:MASTER
Master Device SCL Operating Period
SPEED1/SPEED2 = Fm+
SPEED1/SPEED2 = Fm
SPEED1/SPEED2 = Sm
l
l
l
1
2.5
10
µs
µs
µs
tBUF:MASTER
Bus Free Time between STOP and START
SPEED1/SPEED2 = Fm+
SPEED1/SPEED2 = Fm
SPEED1/SPEED2 = Sm
l
l
l
0.5
1.3
4.7
0.6
1.5
5
µs
µs
µs
tHD:STA:MASTER
Hold Time after START Condition
SPEED1/SPEED2 = Fm+
SPEED1/SPEED2 = Fm
SPEED1/SPEED2 = Sm
l
l
l
0.26
0.6
4
0.3
0.8
4.2
µs
µs
µs
tSU:STA:MASTER
Repeated Start Condition Setup Time
SPEED1/SPEED2 = Fm+
SPEED1/SPEED2 = Fm
SPEED1/SPEED2 = Sm
l
l
l
0.26
0.6
4.7
0.3
0.8
4.8
µs
µs
µs
tSU:STO:MASTER
Setup Time for STOP
SPEED1/SPEED2 = Fm+
SPEED1/SPEED2 = Fm
SPEED1/SPEED2 = Sm
l
l
l
0.26
0.6
4
0.3
0.8
4.2
µs
µs
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com