Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4331 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4331
Description  I2C to CAN-Physical Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4331 Datasheet HTML 7Page - Analog Devices LTC4331 Datasheet HTML 8Page - Analog Devices LTC4331 Datasheet HTML 9Page - Analog Devices LTC4331 Datasheet HTML 10Page - Analog Devices LTC4331 Datasheet HTML 11Page - Analog Devices LTC4331 Datasheet HTML 12Page - Analog Devices LTC4331 Datasheet HTML 13Page - Analog Devices LTC4331 Datasheet HTML 14Page - Analog Devices LTC4331 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LT3960
11
Rev. B
For more information www.analog.com
TIMING DIAGRAMS
3960 F03
SCL (MASTER)
SCL (SLAVE)
CANSCLH
CANSCLL
VOD
0.3VDD
0.7VDD
0.9V
0.5V
0.3VDD
0.7VDD
HIGH
LOW
HIGH
LOW
DOMINANT
RECESSIVE
tPI2CBD
tPBI2CD
tPBI2CR
tPI2CBR
Figure 3. Transceiver Data Propagation Timing Diagram
Figure 4. I2CAN Dominant Timeout
Figure 5. I2CAN Enable and Disable Times
Figure 6. I2CAN Enable and Disable Times
3960 F04
SCL (MASTER)
CANSCLH
CANSCLL
VOD
0.9V
0.5V
0.3VDD
HIGH
LOW
DOMINANT
RECESSIVE
tTO;CAN
3960 F05
SCL OR SDA
CANxH
CANxL
VOD
0.9V
0.5V
0.3VDD
0.7VCC
EN
0.75V
0.7V
1.2V (SLAVE MODE)
tSHDN;I2C
tEN;I2C
3960 F06
SCL OR SDA
CANxH
CAN
CANxL
VOD
0.9V
0.5V
0.3VDD
EN
0.75V
0.7V
2.5V (MASTER MODE)
tSHDN;CAN
tEN;CAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com