Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4331 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC4331
Description  I2C to CAN-Physical Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC4331 Datasheet HTML 14Page - Analog Devices LTC4331 Datasheet HTML 15Page - Analog Devices LTC4331 Datasheet HTML 16Page - Analog Devices LTC4331 Datasheet HTML 17Page - Analog Devices LTC4331 Datasheet HTML 18Page - Analog Devices LTC4331 Datasheet HTML 19Page - Analog Devices LTC4331 Datasheet HTML 20Page - Analog Devices LTC4331 Datasheet HTML 21Page - Analog Devices LTC4331 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LT3960
22
Rev. B
For more information www.analog.com
ANALOG DEVICES, INC. 2021
10/21
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT3965
8-Switch Matrix LED Dimmer
I2C Multidrop Serial Interface, 16 Unique I2C Addresses, VDD Range: 2.7V to 5.5V,
VIN Range: 8V to 60V, Digital Programmable 256:1 PWM Dimming, 28-Lead TSSOP
LT3967
1.3A Eight-Switch Matrix LED
Dimmer with CRC-8
Controls LED Dimming of Strings Up to 54V, I2C Serial Interface with Programmable
Address, 28-Lead TSSOP
LT3964
Dual 36V Synchronous 1.6A Buck
LED Driver with I2C
Wide Input Voltage Range: 4V to 36V, Two Independent 1.6A/40V Synchronous Bucks,
I2C Interface for Internal True Color PWM™ Dimming (8192:1), 36-Lead QFN
LTC4331
I2C Slave Device Extender Over
Rugged Differential Link
Up to 1MHz Serial Clock, Fast-Mode Plus (FM+), Selectable Link Baud Rates Extend I2C
Up to 1200m, 20-Lead QFN
Network for IEC 6100-4-2 Level 4 ESD Protection
60.4
60.4
4.7nF
60.4
60.4
4.7nF
LT3960
CANSDAL
CANSDAH
CANSCLH
CANSCLL
GND
TVS
TVS
CANSDAL
TVS: ON SEMI NUP2105L, 350W DUAL BIDIRECTIONAL TVS DIODE, SOT-23
CANSDAH
GND
CANSCLH
CANSCLL
3960 TA02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com