Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCNL4020C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VCNL4020C
Description  High Resolution Digital Biosensor for Wearable Applications With I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4020C Datasheet(HTML) 3 Page - Vishay Siliconix

  VCNL4020C Datasheet HTML 1Page - Vishay Siliconix VCNL4020C Datasheet HTML 2Page - Vishay Siliconix VCNL4020C Datasheet HTML 3Page - Vishay Siliconix VCNL4020C Datasheet HTML 4Page - Vishay Siliconix VCNL4020C Datasheet HTML 5Page - Vishay Siliconix VCNL4020C Datasheet HTML 6Page - Vishay Siliconix VCNL4020C Datasheet HTML 7Page - Vishay Siliconix VCNL4020C Datasheet HTML 8Page - Vishay Siliconix VCNL4020C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
VCNL4020C
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 20-Mar-18
3
Document Number: 84350
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CIRCUIT BLOCK DIAGRAM
Note
• nc must not be electrically connected
Pads 6 and 7 are only considered as solder pads
TEST CIRCUIT
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Idle Current vs. Ambient Temperature
Fig. 2 - Idle Current vs. VDD
Fig. 3 - Proximity Value vs. Distance
Fig. 4 - Forward Current vs. Temperature
10 IR cathode
9
GND
8
GND
6
nc
7
nc
IR anode
1
SDA
2
INT
3
SCL
4
V
DD
5
IRED
VCNL4020C
ASIC
Ambi
PD
PD
Kodak gray card
(18 % reflectivity)
VCNL4020C
IRED
30 mm x 30 mm
PD
2.4
1.0
1.2
1.4
1.8
1.6
2.0
2.2
110
- 50 - 30
10
50
90
- 10
30
70
Tamb - Ambient Temperature (°C)
22301
V
DD = 3.6 V
V
DD = 3.5 V
V
DD = 3.3 V
V
DD = 3.1 V
V
DD = 2.5 V
V
DD = 2.7 V
V
DD = 2.9 V
2.4
1.0
1.2
1.4
1.6
1.8
2.0
2.2
3.8
2.4
2.6
2.8
3.0
3.2
3.4
3.6
VDD - Supply Voltage (V)
22302
100 °C
80 °C
55 °C
25 °C
-10 °C
-40 °C
100 000
1
100
1000
10 000
10
0.1
1
10
100
Distance to Reflecting Card (mm)
LED current 200 mA
Media: Kodak gray card
Mod. frequency = 390 kHz
LED current 100 mA
LED current 20 mA
250
0
50
100
150
200
140
-60
-20
20
60
100
Tamb - Ambient Temperature (°C)
22304
20 mA
40 mA
60 mA
80 mA
100 mA
120 mA
140 mA
160 mA
180 mA
200 mA
V
IRED = 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com