Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WD01 Datasheet(PDF) 1 Page - Weitron Technology

Part # WD01
Description  Surface Mount Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WD01 Datasheet(HTML) 1 Page - Weitron Technology

  WD01 Datasheet HTML 1Page - Weitron Technology WD01 Datasheet HTML 2Page - Weitron Technology WD01 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount
Glass Passivated Bridge Rectifiers
*Repetitive Peak Reverse Voltage : VPRRM=100-1000 Volts
*Arerge Output rectified Current : Io=0.5A (TA=30 C)
*Dualin Line Type
*Glass Passivated Cavity-free Junction
*Plastic Package
Features:
Mecmanical Data:
*Polarity : Symbol Molded on Body
*Weight : 0.13 grams
*Mounting Position : Any
BRIDGE RECTIFIERS
0.5 AMPERES
100-1000 VOLTS
MINI-DIP
MINI-DIP Outline Dimensions
Unit:mm
Dim
A
B
C
D
E
G
H
J
K
L
Min
5.00
4.00
0.009
0.076
-
0.58
4.50
2.30
2.40
0.45
Max
5.50
4.25
0.35
0.33
7.00
1.10
4.90
2.80
3.01
0.75
A B
C
D E
G
L
H
J
K
Mini DIP
1
2
3
4
1(~)
2(~)
3(+)
4( )
_
WD01 thru WD10
WEITRON
http://www.weitron.com.tw
1/3
Rev.A 21-Apr-06


Similar Part No. - WD01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WD01 ETC-WD01 Datasheet
87Kb / 7P
Wireless Controller Module with RF Transceiver
logo
Weitron Technology
WD01 WEITRON-WD01 Datasheet
266Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
WD01-150 ETC-WD01-150 Datasheet
87Kb / 7P
Wireless Controller Module with RF Transceiver
WD01-433 ETC-WD01-433 Datasheet
87Kb / 7P
Wireless Controller Module with RF Transceiver
WD01-915 ETC-WD01-915 Datasheet
87Kb / 7P
Wireless Controller Module with RF Transceiver
More results

Similar Description - WD01

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101S HY-DB101S_17 Datasheet
142Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
B05SA HY-B05SA Datasheet
164Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
MSB20A HY-MSB20A Datasheet
154Kb / 3P
GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
RABS210 BYTESONIC-RABS210 Datasheet
905Kb / 2P
Surface Mount Glass Passivated Bridge Rectifiers
2019/10/12
logo
HY ELECTRONIC CORP.
B05S HY-B05S_V01 Datasheet
351Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
DB101S HY-DB101S_V01 Datasheet
345Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
DF15005S HY-DF15005S_V01 Datasheet
371Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
logo
Dongguan Pingjingsemi T...
TB1S-12 PJSEMI-TB1S-12 Datasheet
757Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
TB1S-20 PJSEMI-TB1S-20 Datasheet
405Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
FABS205 HY-FABS205 Datasheet
326Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com