Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WD01 Datasheet(PDF) 3 Page - Weitron Technology

Part # WD01
Description  Surface Mount Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WD01 Datasheet(HTML) 3 Page - Weitron Technology

  WD01 Datasheet HTML 1Page - Weitron Technology WD01 Datasheet HTML 2Page - Weitron Technology WD01 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WD01 thru WD10
WEITRON
PF (AV)-IO
0
0.2
0.4
0.6
0.8
1.0
1.2
2.0
1.6
1.2
0.8
0.4
0
AVERAGE OUTPUT RECTIFIED CURRENT Io(A)
SINGLE PHASE
SINE WAVEFORM
http://www.weitron.com.tw
ONE CELL
IF-VF
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE VF(V)
10
3
1
0.3
0.1
0.03
0.01
0.003
0.001
TJ=150 C
25 C
SINGLE PHASE
SINE WAVEFORM
1
2
3
4
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
160
140
120
100
80
60
40
20
TA MAX- Io
1
WITHOUT HEAT SINK
2 SOLDER LAND 2X2 MM
3 SOLDER LAND 5x5 MM
4 SOLDER LAND 7X7 MM
axa:SOLDER LAND SIZE
(ON GLASS EPOXI SUBSTRATE)
a
a
AVERAGE OUTPUT RECTIFIED CURRENT Io (A)
1
3
5
10
30
50
100
NUMBER OF CYCLE AT 50Hz AND 60Hz
50
40
30
20
10
0
60Hz
50Hz
TA=25 C
CYCLE
0
50Hz=20ms
60Hz=16.7ms
SURGE FORWARD CURRENT
(NON REPETITIVE)
1
3
5
10
30
50
100
300
1000
TIME T(ms and s)
300
100
50
30
5
1
0.5
3
10
COMPOSITION ALL
DEVICE
(ON GLASS EPOX1
SURSTRATE)
s
ms
Rth (J-A)-T
WITHOUT HEAT SINK
SOLDER LAND 5X5MM
3/3
Rev.A 21-Apr-06



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com