Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSC5026 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # KSC5026
Description  isc Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

KSC5026 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  KSC5026 Datasheet HTML 1Page - Inchange Semiconductor Company Limited KSC5026 Datasheet HTML 2Page - Inchange Semiconductor Company Limited KSC5026 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
KSC5026
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CBO
Collector-Base breakdown voltage
IC=1mA ; IB=0
1100
V
V(BR)CEO
Collector-emitter breakdown voltage
IC=5mA ; IB=0
800
V
V(BR)EBO
Emitter-base breakdown voltage
IE=1mA ; IC=0
5
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC=750mA; IB= 150mA
2.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC=750mA; IB= 150mA
1.5
V
ICBO
Collector Cutoff Current
VCB=800V ; IE= 0
10
μ
A
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
10
μ
A
hFE-1
DC Current Gain
IC= 100mA ; VCE=5V
10
40
hFE-2
DC Current Gain
IC= 500mA ; VCE=5V
8
fT
Current-Gain—Bandwidth Product
IE= -100mA; VCE= 10V
15
MHz
hFE Classifications
N
R
O
10-20
15-30
20-40



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com