Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSC5026 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # KSC5026
Description  isc Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

KSC5026 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  KSC5026 Datasheet HTML 1Page - Inchange Semiconductor Company Limited KSC5026 Datasheet HTML 2Page - Inchange Semiconductor Company Limited KSC5026 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
KSC5026
DESCRIPTION
·
Low Collector Saturation Voltage
·
High breakdown voltage
·
Small reverse transfer capacitance and excellent high
frequency characteristic
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
For high definition CRT display ,video output
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
1100
V
VCEO
Collector-Emitter Voltage
800
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
1.5
A
PC
Collector Power Dissipation
@ Tc=25℃
20
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - KSC5026

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5026 FAIRCHILD-KSC5026 Datasheet
53Kb / 5P
High Voltage and High Reliability
KSC5026M FAIRCHILD-KSC5026M Datasheet
54Kb / 5P
High Voltage and High Reliability
logo
ON Semiconductor
KSC5026M ONSEMI-KSC5026M Datasheet
233Kb / 7P
NPN Silicon Transistor
January 2011 Rev. B3
logo
Fairchild Semiconductor
KSC5026MOS FAIRCHILD-KSC5026MOS Datasheet
125Kb / 6P
NPN Silicon Transistor
logo
ON Semiconductor
KSC5026MOS ONSEMI-KSC5026MOS Datasheet
233Kb / 7P
NPN Silicon Transistor
January 2011 Rev. B3
More results

Similar Description - KSC5026

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com