Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSCF2915H Datasheet(PDF) 1 Page - Shenzhen Codaca Electronic Co.,Ltd

Part # CSCF2915H
Description  High Current Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd

CSCF2915H Datasheet(HTML) 1 Page - Shenzhen Codaca Electronic Co.,Ltd

  CSCF2915H Datasheet HTML 1Page - Shenzhen Codaca Electronic Co.,Ltd CSCF2915H Datasheet HTML 2Page - Shenzhen Codaca Electronic Co.,Ltd CSCF2915H Datasheet HTML 3Page - Shenzhen Codaca Electronic Co.,Ltd CSCF2915H Datasheet HTML 4Page - Shenzhen Codaca Electronic Co.,Ltd CSCF2915H Datasheet HTML 5Page - Shenzhen Codaca Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1 / 5
CODACA ELECTRONIC CO., LTD
TEL
: +86 755 89585372
FAX
: +86 755 89585280
http://www.codaca.com
E-mail: info@codaca.com
High Current Power Inductor
CSCF2915H Series
This product is not authorized for use in any application related to safety.
Specification subject to change without notice.Please check web site for latest information.
Revised: 07/14/2020
Outline
:
▪ Assemblage design, sturdy structure.
▪ High inductance, high current, low magnetic loss,
low ESR, small parasitic capacitance
.
▪ Flat wire winding, achieve a low D.C. Resistance.
▪ Temperature rise current and saturation current
is less influenced by environment
.
Features:
▪ Core material:Ferrite
▪ Core and winding loss:
See https://www.codaca.com/DesignTool_Power-Inductor-Loss-
Comparison.html
▪ Environmental: RoHS, Reach compliant ,Halogen free
▪ Weight:34.2g
▪ Moisture Sensitivity:Level (MSL) 1
(unlimited floor life at <30°C / 85% relative humidity)
▪ Operating temperature range: -40℃~+125℃
(including coil
’s self temperature rise).
▪ Storage temperature range: -40℃~+125℃
Application:
▪ Ideally used in tablet PC, LCD display, server application.
▪ high current power supplies, Battery power devices
▪ DC/DC converters in distributed power systems
1 Product Dimensions (mm)
2 Electrical Characteristics
Part No.
Inductance
(
μH)※1
D.C.R. (m
Ω)
Isat
(A)
※2
Irms
(A)
※3
±20%
Typical
Max.
Typical
Typical
CSCF2915H-2R2MC
2.20
1.45
1.65
>100
32.0
CSCF2915H-3R3MC
3.30
1.45
1.65
68.0
32.0
CSCF2915H-4R7MC
4.70
1.45
1.65
50.0
32.0
CSCF2915H-6R8MC
6.80
1.45
1.65
36.0
32.0
CSCF2915H-100MC
10.0
1.45
1.65
23.0
32.0
CSCF2915H-150MC
15.0
1.45
1.65
15.0
32.0
CSCF2915H-220MC
22.0
1.45
1.65
9.60
32.0
CSCF2915H-330MC
33.0
1.45
1.65
5.90
32.0
27.9 Max
15.4 Max
27.9 Max
6.63±0.5
19.7 Max
3.8±0.3
3.8 Min
3.0
0.5
3.5
Marking
Code
6.5±1.0
28.0
19.5
6.0
5.5
6.0
6.0
10.43
14.0
8.75
Typical Pad Layout
All data is tested on 25
℃ ambient temperature
1.Inductance measure condition at 100kHz,0.1V
2.Isat:the actual value of DC current when the
Inductance decrease 30% of its initial Value
3.Irms:The actual value of DC current when the
Temperature rise is
ΔT40℃(Ta=25℃)
3 How to Order:
CSCF2915H-3R3MC
Model
Dimensions
Value Code
Coating
※ Date code will be changed by manufacture date
1
2
3 N/C
Schematic


Similar Part No. - CSCF2915H

ManufacturerPart #DatasheetDescription
logo
Shenzhen Codaca Electro...
CSCF2915L CODACA-CSCF2915L Datasheet
820Kb / 5P
High Current Power Inductor
07/14/2020
CSCF2915L-100MC CODACA-CSCF2915L-100MC Datasheet
820Kb / 5P
High Current Power Inductor
07/14/2020
CSCF2915L-150MC CODACA-CSCF2915L-150MC Datasheet
820Kb / 5P
High Current Power Inductor
07/14/2020
CSCF2915L-1R5MC CODACA-CSCF2915L-1R5MC Datasheet
820Kb / 5P
High Current Power Inductor
07/14/2020
CSCF2915L-220MC CODACA-CSCF2915L-220MC Datasheet
820Kb / 5P
High Current Power Inductor
07/14/2020
More results

Similar Description - CSCF2915H

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
PSSL-0804HC CALIBER-PSSL-0804HC Datasheet
26Kb / 1P
Power Inductor - High Current
logo
Shenzhen Codaca Electro...
CSBL1250 CODACA-CSBL1250 Datasheet
947Kb / 5P
High Current Power Inductor
07/14/2020
CSBL1265 CODACA-CSBL1265 Datasheet
941Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2626L CODACA-CPEX2626L Datasheet
962Kb / 6P
High Current Power Inductor
07/14/2020
CPQ4228 CODACA-CPQ4228 Datasheet
783Kb / 4P
High Current Power Inductor
07/14/2020
CPU2916 CODACA-CPU2916 Datasheet
761Kb / 4P
High Current Power Inductor
07/14/2020
CSCF2918H CODACA-CSCF2918H Datasheet
832Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2722 CODACA-CPEX2722 Datasheet
764Kb / 4P
High Current Power Inductor
07/14/2020
CSCM1460 CODACA-CSCM1460 Datasheet
897Kb / 5P
High Current Power Inductor
07/14/2020
CSCM1480L CODACA-CSCM1480L Datasheet
871Kb / 5P
High Current Power Inductor
07/14/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com