Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THN6301Z Datasheet(PDF) 2 Page - Tachyonics CO,. LTD

Part # THN6301Z
Description  NPN SiGe RF TRANSISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

THN6301Z Datasheet(HTML) 2 Page - Tachyonics CO,. LTD

  THN6301Z Datasheet HTML 1Page - Tachyonics CO,. LTD THN6301Z Datasheet HTML 2Page - Tachyonics CO,. LTD THN6301Z Datasheet HTML 3Page - Tachyonics CO,. LTD THN6301Z Datasheet HTML 4Page - Tachyonics CO,. LTD THN6301Z Datasheet HTML 5Page - Tachyonics CO,. LTD THN6301Z Datasheet HTML 6Page - Tachyonics CO,. LTD THN6301Z Datasheet HTML 7Page - Tachyonics CO,. LTD THN6301Z Datasheet HTML 8Page - Tachyonics CO,. LTD THN6301Z Datasheet HTML 9Page - Tachyonics CO,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
THN6301 Series
□ Electrical Characteristics ( T
A = 25 ℃ )
VCE = 12 V, IB = 0 mA
VEB = 1 V, IC = 0 mA
VCE = 8 V, IC = 7 mA, f = 1 GHz
VCE = 8 V, IC = 15 mA, f = 1 GHz
VCE = 8 V, IC = 7 mA, f = 1 GHz
VCE = 8 V, IC = 15 mA, f = 1 GHz
VCE = 8 V, IC = 5 mA, f = 1 GHz
VCE = 8 V, IC = 5 mA, f = 1 GHz
VCE = 8 V, IC = 5 mA, f = 1 GHz
VCE = 8 V, IC = 15 mA, f = 1 GHz
VCE = 8 V, IC = 15 mA, f = 1 GHz
Symbol
Parameter
Test Condition
Unit
dB
OIP3
Output 3rd Order Intercept
dBm
-
-
-
-
--
Minimum Noise Figure
1.1
dB
Noise Resistance
0.09
-
-
-
-
Insertion Power Gain
dB
14.5
MAG
Maximum Available Gain
16.5
dB
18
GHz
Collector to Base Capacitance VCB = 10 V, f = 1 MHz
10
pF
Collector Cut-off Current
VCB = 19 V, IE = 0 mA
Transition Frequency
VCE = 8 V, IC = 15 mA
VCE = 8 V, IC = 15 mA
Emitter Cut-off Current
DC Current Gain
Ω
14.5
NFmin
ICEO
IEBO
hFE
fT
ICBO
rn
15.5
27
-
-
-
-
CCB
|S21|
2
GA
Associated Gain
0.55
5
--
-
-
80
150
0.5
300
-
0.5
Max.
Min.
Typ.
Value
uA
uA
uA
12.5
-
10
12
15
16
-
-
-
-
www.tachyonics.co.kr
- 2/11 -
Aug.-2005
Rev 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com