Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THN6301Z Datasheet(PDF) 7 Page - Tachyonics CO,. LTD

Part # THN6301Z
Description  NPN SiGe RF TRANSISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

THN6301Z Datasheet(HTML) 7 Page - Tachyonics CO,. LTD

Back Button THN6301Z Datasheet HTML 3Page - Tachyonics CO,. LTD THN6301Z Datasheet HTML 4Page - Tachyonics CO,. LTD THN6301Z Datasheet HTML 5Page - Tachyonics CO,. LTD THN6301Z Datasheet HTML 6Page - Tachyonics CO,. LTD THN6301Z Datasheet HTML 7Page - Tachyonics CO,. LTD THN6301Z Datasheet HTML 8Page - Tachyonics CO,. LTD THN6301Z Datasheet HTML 9Page - Tachyonics CO,. LTD THN6301Z Datasheet HTML 10Page - Tachyonics CO,. LTD THN6301Z Datasheet HTML 11Page - Tachyonics CO,. LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
THN6301 Series
□ Common Emitter S-Parameter Data
at VCE = 3 V, IC = 3 mA
at VCE = 3 V, IC = 5 mA
at VCE = 3 V, IC = 10 mA
at VCE = 3 V, IC = 15 mA
freq
400.0MHz
600.0MHz
800.0MHz
1.000GHz
1.200GHz
1.400GHz
1.600GHz
1.800GHz
2.000GHz
2.200GHz
2.400GHz
2.600GHz
2.800GHz
3.000GHz
S(1,1)
0.669 / -91.260
0.591 / -116.551
0.548 / -134.577
0.530 / -148.770
0.522 / -159.455
0.524 / -169.504
0.533 / -177.611
0.543 / 174.468
0.557 / 167.968
0.569 / 161.134
0.580 / 155.148
0.596 / 149.582
0.607 / 142.626
0.614 / 137.215
S(2,1)
6.389 / 113.667
4.795 / 97.539
3.799 / 85.274
3.121 / 75.149
2.638 / 67.037
2.291 / 58.719
2.019 / 52.033
1.804 / 45.454
1.621 / 39.619
1.478 / 34.016
1.348 / 29.268
1.244 / 24.067
1.144 / 19.595
1.059 / 16.254
S(1,2)
0.093 / 41.242
0.106 / 34.002
0.107 / 31.893
0.109 / 34.373
0.111 / 36.704
0.117 / 40.679
0.122 / 45.350
0.135 / 49.642
0.148 / 53.084
0.166 / 55.353
0.187 / 56.417
0.210 / 56.426
0.233 / 55.556
0.255 / 54.303
S(2,2)
0.658 / -56.210
0.554 / -69.347
0.492 / -79.180
0.461 / -88.098
0.458 / -94.276
0.462 / -103.617
0.467 / -110.131
0.483 / -116.174
0.501 / -122.880
0.518 / -129.476
0.538 / -135.444
0.559 / -142.351
0.579 / -146.080
0.605 / -152.161
freq
400.0MHz
600.0MHz
800.0MHz
1.000GHz
1.200GHz
1.400GHz
1.600GHz
1.800GHz
2.000GHz
2.200GHz
2.400GHz
2.600GHz
2.800GHz
3.000GHz
S(1,1)
0.578 / -108.220
0.524 / -131.976
0.499 / -148.190
0.489 / -160.975
0.485 / -170.201
0.491 / -179.049
0.503 / 174.017
0.513 / 167.188
0.526 / 161.512
0.539 / 155.297
0.549 / 150.174
0.567 / 145.239
0.577 / 138.729
0.582 / 133.719
S(2,1)
8.153 / 106.751
5.878 / 92.628
4.565 / 82.116
3.713 / 73.353
3.127 / 66.308
2.708 / 58.910
2.383 / 52.876
2.133 / 46.876
1.920 / 41.437
1.754 / 36.122
1.604 / 31.518
1.483 / 26.473
1.368 / 21.950
1.274 / 18.402
S(1,2)
0.080 / 42.751
0.090 / 40.339
0.095 / 41.840
0.104 / 43.842
0.112 / 47.872
0.124 / 49.734
0.135 / 52.795
0.150 / 54.802
0.167 / 55.925
0.187 / 56.242
0.205 / 55.989
0.227 / 55.156
0.247 / 53.513
0.267 / 52.001
S(2,2)
0.537 / -66.313
0.440 / -78.796
0.386 / -88.029
0.366 / -96.568
0.367 / -101.536
0.376 / -110.217
0.385 / -116.309
0.401 / -121.481
0.420 / -127.551
0.437 / -133.592
0.459 / -139.147
0.482 / -145.317
0.505 / -147.922
0.533 / -153.890
freq
400.0MHz
600.0MHz
800.0MHz
1.000GHz
1.200GHz
1.400GHz
1.600GHz
1.800GHz
2.000GHz
2.200GHz
2.400GHz
2.600GHz
2.800GHz
3.000GHz
S(1,1)
0.489 / -131.217
0.465 / -151.502
0.459 / -164.677
0.459 / -174.570
0.461 / 177.870
0.470 / 170.614
0.480 / 164.637
0.490 / 159.080
0.504 / 154.302
0.515 / 148.888
0.524 / 144.454
0.540 / 139.868
0.550 / 134.110
0.557 / 129.455
S(2,1)
10.037 / 98.564
6.988 / 87.307
5.348 / 78.762
4.315 / 71.431
3.624 / 65.549
3.133 / 59.011
2.757 / 53.722
2.470 / 48.339
2.228 / 43.463
2.039 / 38.506
1.870 / 34.200
1.737 / 29.435
1.609 / 25.062
1.504 / 21.416
S(1,2)
0.063 / 49.972
0.076 / 50.120
0.087 / 54.098
0.101 / 55.498
0.117 / 58.181
0.133 / 59.002
0.151 / 59.298
0.169 / 58.336
0.187 / 57.893
0.206 / 56.544
0.226 / 55.344
0.244 / 53.624
0.265 / 51.986
0.281 / 49.802
S(2,2)
0.380 / -81.298
0.311 / -92.732
0.279 / -101.861
0.273 / -110.245
0.280 / -113.766
0.293 / -121.839
0.305 / -127.311
0.323 / -130.964
0.343 / -136.001
0.360 / -141.355
0.382 / -145.863
0.404 / -151.178
0.428 / -152.701
0.457 / -157.936
freq
400.0MHz
600.0MHz
800.0MHz
1.000GHz
1.200GHz
1.400GHz
1.600GHz
1.800GHz
2.000GHz
2.200GHz
2.400GHz
2.600GHz
2.800GHz
3.000GHz
S(1,1)
0.457 / -143.864
0.450 / -160.675
0.450 / -172.089
0.455 / 179.229
0.457 / 172.555
0.464 / 166.085
0.475 / 160.738
0.484 / 155.274
0.498 / 151.051
0.509 / 145.763
0.518 / 141.657
0.532 / 137.359
0.539 / 131.839
0.548 / 127.407
S(2,1)
10.763 / 94.877
7.407 / 84.972
5.648 / 77.279
4.543 / 70.572
3.815 / 65.126
3.297 / 58.952
2.900 / 53.980
2.599 / 48.822
2.345 / 44.201
2.150 / 39.453
1.972 / 35.219
1.834 / 30.634
1.702 / 26.305
1.594 / 22.787
S(1,2)
0.056 / 52.840
0.072 / 57.561
0.086 / 58.622
0.104 / 59.409
0.120 / 62.677
0.140 / 61.046
0.157 / 60.538
0.175 / 59.746
0.195 / 58.344
0.213 / 56.759
0.234 / 55.180
0.252 / 53.317
0.270 / 51.445
0.289 / 49.058
S(2,2)
0.309 / -90.025
0.261 / -102.139
0.238 / -110.428
0.238 / -119.619
0.247 / -121.459
0.266 / -129.382
0.277 / -133.493
0.296 / -136.613
0.314 / -141.273
0.335 / -145.798
0.355 / -150.183
0.377 / -155.051
0.398 / -155.911
0.428 / -160.790
www.tachyonics.co.kr
- 7/11 -
Aug.-2005
Rev 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com