Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP575..H Datasheet(PDF) 11 Page - Vishay Siliconix

Part # TSOP575..H
Description  IR Receiver Modules for Remote Control Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP575..H Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button TSOP575..H Datasheet HTML 4Page - Vishay Siliconix TSOP575..H Datasheet HTML 5Page - Vishay Siliconix TSOP575..H Datasheet HTML 6Page - Vishay Siliconix TSOP575..H Datasheet HTML 7Page - Vishay Siliconix TSOP575..H Datasheet HTML 8Page - Vishay Siliconix TSOP575..H Datasheet HTML 9Page - Vishay Siliconix TSOP575..H Datasheet HTML 10Page - Vishay Siliconix TSOP575..H Datasheet HTML 11Page - Vishay Siliconix TSOP575..H Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TSOP573..H, TSOP575..H
www.vishay.com
Vishay Semiconductors
Datasheet Values Refer to PCN-OPT-1224-2022
Rev. 2.3, 30-Aug-2022
11
Document Number: 82652
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DRY PACKING
The reel is packed in an anti-humidity bag to protect the
devices from absorbing moisture during transportation and
storage.
FINAL PACKING
The sealed reel is packed into a cardboard box.
RECOMMENDED METHOD OF STORAGE
Dry box storage is recommended as soon as the aluminum
bag has been opened to prevent moisture absorption. The
following conditions should be observed, if dry boxes are
not available:
• Storage temperature 10 °C to 30 °C
• Storage humidity
≤ 60 % RH max.
After more than 168 h under these conditions moisture
content will be too high for reflow soldering.
In case of moisture absorption, the devices will recover to
the former condition by drying under the following condition:
192 h at 40 °C + 5 °C / - 0 °C and < 5 % RH (dry air /
nitrogen) or
96 h at 60 °C + 5 °C and < 5 % RH for all device containers
or
24 h at 125 °C + 5 °C not suitable for reel or tubes.
An EIA JEDEC® standard J-STD-020 level 3 label is included
on all dry bags.
EIA JEDEC standard J-STD-020 level 3 label
is included on all dry bags
ESD PRECAUTION
Proper storage and handling procedures should be followed
to prevent ESD damage to the devices especially when they
are removed from the antistatic shielding bag. Electrostatic
sensitive devices warning labels are on the packaging.
VISHAY SEMICONDUCTORS STANDARD
BAR CODE LABELS
The Vishay Semiconductors standard bar code labels are
printed at final packing areas. The labels are on each
packing unit and contain Vishay Semiconductors specific
data.
BAR CODE PRODUCT LABEL (example)
Aluminum bag
Label
Reel
15973
1. Calculated shelf life in sealed bag: 12 months at <40°C and <90%
relative humidity (RH)
3. After bag is opened, devices that will be subjected to reflow solder or other high
temperature process must be
4. Devices require bake, before mounting, if:
a) Humidity Indicator Card reads > 10% for level 2a - 5a devices or >60% for
level 2 devices when read at 23±5°C
b) 3a or 3b are not met
5. If baking is required, refer to IPC/JEDEC J-STD-033 for bake procedure
2. Peak package body temperature:_______________________°C
If blank, see adjacent bar code label
a) Mounted within:___________________hours of factory conditions
≤30°C/60% RH, or
b) Stored per J-STD-033
If blank, see adjacent bar code label
Bag Seal Date:_________________________________________
If blank, see adjacent bar code label
Note: Level and body temperature defined by IPC/JEDEC J-STD-020
This bag contains
MOISTURE-SENSITIVE DEVICES
Caution
If blank, see adjacent
bar code label
3
LEVEL
260
168
22650
22178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com