Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP575..H Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP575..H
Description  IR Receiver Modules for Remote Control Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP575..H Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP575..H Datasheet HTML 1Page - Vishay Siliconix TSOP575..H Datasheet HTML 2Page - Vishay Siliconix TSOP575..H Datasheet HTML 3Page - Vishay Siliconix TSOP575..H Datasheet HTML 4Page - Vishay Siliconix TSOP575..H Datasheet HTML 5Page - Vishay Siliconix TSOP575..H Datasheet HTML 6Page - Vishay Siliconix TSOP575..H Datasheet HTML 7Page - Vishay Siliconix TSOP575..H Datasheet HTML 8Page - Vishay Siliconix TSOP575..H Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TSOP573..H, TSOP575..H
www.vishay.com
Vishay Semiconductors
Datasheet Values Refer to PCN-OPT-1224-2022
Rev. 2.3, 30-Aug-2022
2
Document Number: 82652
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MECHANICAL DATA
Pinning:
1 = OUT, 2, 3, 6, 7, 8 = GND, 4, 5 = VS
ORDERING CODE
Taping:
TSOP57...HTT1 - top view taped, 1500 pcs/reel
APPLICATION CIRCUIT
Note
• Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect the device reliability
23209
1
2
3
4
5
6
7
8
C1
IR receiver
GND
µC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170-14
OUT
R
1 and C1 recommended in case there are strong ripple or
spikes on the supply line.
PARTS TABLE
AGC
NOISY ENVIRONMENTS
AND SHORT BURSTS (AGC3)
VERY NOISY ENVIRONMENTS
AND SHORT BURSTS (AGC5)
Carrier
frequency
36 kHz
TSOP57336H (1)(2)
TSOP57536H
38 kHz
TSOP57338H (3)(5)
TSOP57538H
40 kHz
TSOP57340H
TSOP57540H
56 kHz
TSOP57356H (4)
TSOP57556H
Package
Belobog
Pinning
1 = OUT, 2, 3, 6, 7, 8 = GND, 4, 5 = VS
Dimensions (mm)
3.95 W x 3.95 H x 0.8 D
Mounting
SMD
Application
Remote control
Best choice for
(1) MCIR (2) RCMM (3) RECS-80 Code (4) r-map (5) XMP
Special options
• Extended temperature range: www.vishay.com/doc?82738
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Supply voltage
VS
-0.3 to +6
V
Supply current
IS
5mA
Output voltage
VO
-0.3 to (VS + 0.3)
V
Output current
IO
5mA
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
-25 to +85
°C
Operating temperature range
Tamb
-25 to +85
°C
Power consumption
Tamb
≤ 85 °C
Ptot
10
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com